Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAH25-NP Datasheet(PDF) 1 Page - LEM

Part # LAH25-NP
Description  Current Transducer LAH 25-NP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH25-NP Datasheet(HTML) 1 Page - LEM

  LAH25-NP Datasheet HTML 1Page - LEM LAH25-NP Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LAH 25-NP
For the electronic measurement of currents : DC, AC, pulsed ...,
with a galvanic isolation between the primary circuit
(high power) and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
25
At
I
P
Primary current, measuring range 1)
0 .. 55
At
R
M
Measuring resistance @
T
A = 70°C
T
A = 85°C
R
M min RM max
R
M min RM max
with ± 12 V
@ I
PN [± At DC ]
0
257
0
252
@ I
PN [At RMS ]
2)
0
155
0
150
with ± 15 V
@ I
PN [± At DC ]
67
371
70
366
@ I
PN [At RMS ]
2)
67
236
70
231
@ I
P
< I
PN
3)
I
SN
Secondary nominal r.m.s. current
25
mA
K
N
Conversion ratio
1 - 2 - 3 : 1000
V
C
Supply voltage (± 5 %)
± 12 .. 15
V
I
C
Current consumption
10 (@ ± 15V) + I
S mA
V
d
R.m.s. voltage for AC isolation test, 50/60 Hz, 1 mn
5
kV
V
b
R.m.s. rated voltage 4)
600
V
Accuracy - Dynamic performance data
X
Accuracy 5) @ I
PN, TA = 25°C
± 0.3
%
ε
L
Linearity
< 0.2
%
Typ
Max
I
O
Offset current @ T
A = 25°C
± 0.15
mA
I
OM
Residual current @ I
P = 0, after an overload of 5 x IPN
± 0.20 ± 0.25
mA
I
OT
Thermal drift of I
O
0°C .. + 70°C
± 0.10 ± 0.60
mA
- 25°C .. + 85°C
± 0.10 ± 0.70
mA
t
r a
Reaction time @ 10 % of I
PN
< 200
ns
t
r
Response time 6) @ 90 % of I
PN
< 500
ns
di/dt
di/dt accurately followed
> 200
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 200
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 90
°C
R
S
Secondary coil resistance
@ T
A = 70°C
99
@ T
A = 85°C
104
m
Mass
20
g
Standards 7)
EN 50178
Notes : 1)During 10 s, with
R
M ≤ 109 Ω (VC = ± 15 V) - 2) 50 Hz Sinusoidal -
3) The measuring resistance R
M min may be lower (see "LAH Technical Informa-
tion" leaflet) - 4) Pollution class 2, cat. III - 5) Without I
O & IOM - 6) With a di/dt of
100 A/µs - 7) A list of corresponding tests is available.
Features
Closed loop (compensated) multi-
range current transducer using the
Hall effect
Printed circuit board mounting
Insulated plastic case recognized
according to UL 94-V0.
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capability.
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications.
I
PN = 8-12-25 A
010822/3
LEM Components
www .lem.com


Similar Part No. - LAH25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LAH25-NP LEM-LAH25-NP Datasheet
72Kb / 2P
Current Transducer
LAH25-NP LEM-LAH25-NP_06 Datasheet
72Kb / 2P
Current Transducer
More results

Similar Description - LAH25-NP

ManufacturerPart #DatasheetDescription
logo
LEM
LA25-NP LEM-LA25-NP Datasheet
78Kb / 2P
Current Transducer LA 25-NP
LA25-NPSP7 LEM-LA25-NPSP7 Datasheet
73Kb / 2P
Current Transducer LA 25-NP/SP7
LA25-NPSP11 LEM-LA25-NPSP11 Datasheet
74Kb / 2P
Current Transducer LA 25-NP/SP11
LA25-NPSP14 LEM-LA25-NPSP14 Datasheet
72Kb / 2P
Current Transducer LA 25-NP/SP14
LAH50-P LEM-LAH50-P Datasheet
219Kb / 2P
Current Transducer LAH 50-P
LAH100-P LEM-LAH100-P Datasheet
42Kb / 2P
Current Transducer LAH 100-P
LA25-NP14 LEM-LA25-NP14 Datasheet
80Kb / 2P
Current Transducer LA 25-NP/SP14
LAH-25-NP LEM-LAH-25-NP Datasheet
574Kb / 3P
Current Transducer LAH 25-NP
LTSR-6-NP LEM-LTSR-6-NP Datasheet
469Kb / 3P
Current Transducer LTSR 6-NP
HXS20-NP LEM-HXS20-NP_V01 Datasheet
543Kb / 3P
Current Transducer HXS 20-NP
18December2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com