Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAH50-P Datasheet(PDF) 2 Page - LEM

Part # LAH50-P
Description  Current Transducer LAH 50-P
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LAH50-P Datasheet(HTML) 2 Page - LEM

  LAH50-P Datasheet HTML 1Page - LEM LAH50-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions LAH 50-P (in mm. 1 mm = 0.0394 inch)
Connection
Remarks
• I
S is positive when IP flows from terminals "IN" to terminals
"OUT".
• This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
• General tolerance
± 0.2 mm
• Fastening & connection of primary
6 pins 1.4 x 1 mm
Recommended PCB hole
2 mm
• Fastening & connection of secondary 3 pins 0.7 x 0.6 mm
Recommended PCB hole
1.2 mm
Front view
Bottom view
Left view
1
50
110
25
1 : 2000
0.12
0.008
Number
of primary
turns
Primary current
nominal
maximum
I
PN
[ A ]
I
P
[ A ]
Nominal
output current
I
SN
[ mA ]
Turns
ratio
K
N
Primary
resistance
R
P
[ m
Ω ]
Primary insertion
inductance
L
P
[ µH ]
Secondary terminals
Terminal M : measure
Terminal + : supply voltage + 15 V
Terminal - : supply voltage - 15 V
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
IN
OUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com