Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B072-032-IP2 Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # B072-032-IP2
Description  NetCommander 32-Port Cat5 IP KVM Switch 1U Rack-Mount 2plus1 User
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B072-032-IP2 Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  B072-032-IP2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B072-032-IP2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved B072-032-IP2 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Unit Dimensions (hwd / cm)
4.34 x 43.89 x 27.91
Unit Weight (lbs.)
7.68
Unit Weight (kg)
3.48
Color
Black
ENVIRONMENTAL
Storage Temperature Range
-4 to 140 F (-20 to 60 C)
Relative Humidity
0 to 80% RH, Non-Condensing
Operating Temperature
32 to 104 F (0 to 40 C)
COMMUNICATIONS
Port Control
Hotkeys, OSD
IP Remote Access
Yes
CONNECTIONS
Ports
32
Computer/Server Ports
(x32) RJ45 Female
PC/Server Connections
VGA; USB; PS/2
Local Console Ports - Port 1
HD15 Female
Local Console Ports - Port 2
(x2) USB A Female
SPECIAL FEATURES
Cat5 KVM Switch
Yes
CERTIFICATIONS
Approvals
UL 60950-1 (USA), CSA (Canada), FCC Part 15 Class A, CE IEC 60950-1, RoHS
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
© 2016 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com