Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB200-S/SP4 Datasheet(PDF) 1 Page - LEM

Part # LB200-S/SP4
Description  Current Transducer LB 200-S/SP4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LB200-S/SP4 Datasheet(HTML) 1 Page - LEM

  LB200-S/SP4 Datasheet HTML 1Page - LEM LB200-S/SP4 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Transducer LB 200-S/SP4
For the electronic measurement of currents : DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power)
and the secondary circuit (electronic circuit).
Electrical data
I
PN
Primary nominal r.m.s. current
200
A
I
P
Primary current, measuring range
0 .. ± 300
A
R
M
Measuring resistance
R
M min
R
M max
with ± 15 V
@ ± 200 A
max
5
33
Ω
@ ± 300 A
max
5
15
Ω
I
SN
Secondary nominal r.m.s. current
200
mA
K
N
Conversion ratio
1 : 1000
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
20 + I
S
mA
V
d
R.m.s. voltage for AC isolation test, 50 Hz, 1 mn
6 1)
kV
1 2)
kV
Accuracy - Dynamic performance data
X
G
Overall accuracy @ I
PN, TA = 25°C
± 0.5
%
ε
L
Linearity
< 0.1
%
Typ
Max
I
O
Offset current @ I
P = 0, TA = 25°C
± 0.50 mA
I
OT
Thermal drift of I
O
+ 20°C .. + 50°C
± 0.08 mA
t
r
Response time 3) @ 90 % of I
PN
< 1
µs
di/dt
di/dt accurately followed
> 50
A/µs
f
Frequency bandwidth (- 1 dB)
DC .. 150
kHz
Output noise
< 0.002
mA
Magnetization after excursion @ ± I
PN
< 0.01
mA
Crossing distortion
negligeable
Matching specification
+ 20°C .. + 50°C
≤ 0.01
mA
General data
T
A
Ambient operating temperature
+ 20 .. + 50
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
R
S
Secondary coil resistance @ T
A = 50°C
30
Ω
m
Mass
200
g
Standards 4)
EN 50178
Notes : 1) Between primary and secondary + shield.
2)
Between secondary and shield.
3)
With a di/dt of 100 A/µs
4)
A list of corresponding tests is available.
Features
• Closed loop (compensated) current
transducer using the Hall effect
• Insulated plastic case recognized
according to UL 94-V0.
Special features
• V
C = ± 15 V (± 5 %)
• K
N = 1 : 1000
• Shield
• Negligeable zero crossing distortion
• Low noise electronics
• T
A = + 20°C .. + 50°C
• Low I
OT
• Transducers matched based on
thermal drift to within T
A ≤ 0.01 mA.
Advantages
• Better frequency response
• Excellent accuracy
• Very good linearity
• Low temperature drift
• Optimized response time
• Wide frequency bandwidth
• No insertion losses
• High immunity to external
interference
• Current overload capability.
Applications
• AC variable speed drives and servo
motor drives
• Static converters for DC motor drives
• Battery supplied applications
• Uninterruptible Power Supplies
(UPS)
• Switched Mode Power Supplies
(SMPS)
• Power supplies for welding
applications.
I
PN
= 200 A
990716/7
LEM Components
www.lem.com


Similar Part No. - LB200-S/SP4

ManufacturerPart #DatasheetDescription
logo
Europa PLC
LB200-2503PNLGP/PSNGP EUROPA-LB200-2503PNLGP/PSNGP Datasheet
324Kb / 2P
AC-22@400V(415V) Enclosed Door Interlocked Load Break Switches
More results

Similar Description - LB200-S/SP4

ManufacturerPart #DatasheetDescription
logo
LEM
LF205-S LEM-LF205-S Datasheet
61Kb / 2P
CURRENT TRANSDUCER LF 205-S
HAR1000-S LEM-HAR1000-S Datasheet
270Kb / 2P
Current Transducer HAR 1000-S
HNC-200P LEM-HNC-200P Datasheet
90Kb / 2P
Current Transducer HNC- 200~300P
LA200-P LEM-LA200-P Datasheet
85Kb / 2P
Current Transducer LA 200-P
LA305-S LEM-LA305-S Datasheet
65Kb / 2P
Current Transducer LA 305-S
LB100-S LEM-LB100-S Datasheet
53Kb / 2P
Current Transducer LB 100-S/SP3
LB500-S LEM-LB500-S Datasheet
132Kb / 2P
Current Transducer LB 500-S/SP1
LB1000-SI LEM-LB1000-SI Datasheet
32Kb / 2P
Current Transducer LB 1000-SI/SP2
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
Current Transducer LF 1005-S
LT4000-S LEM-LT4000-S Datasheet
79Kb / 2P
Current Transducer LT 4000-S
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com