Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS16USB Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CS16USB
Description  16-Device USB Charging Station with Syncing, Secure Storage and Cord Management for iPad and Android Tablets, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS16USB Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CS16USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS16USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS16USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
16-Device USB Charging Station with Syncing,
Secure Storage and Cord Management for iPad and
Android Tablets, Black
MODEL NUMBER: CS16USB
Description
The CS16USB 16-Device USB Charging Station provides fast charging, convenient syncing, secure storage and cord management for up to 16 iPad, Android,
Surface and Kindle tablets. It also charges mobile phones and other USB devices. It’s ideal for education, office, commercial, retail, industrial and healthcare
environments.
16 USB ports deliver the fastest charging supported by each device, up to 2.4A per port. The charging station also supports wired and wireless syncing,
including syncing while charging.
The steel cabinet provides comprehensive device protection. It has a powder-coated finish and locks with the included keys to prevent device theft, damage or
tampering. Flow-through ventilation prevents overheating, the coated shelf prevents scratches and scuffs, and the charging station also provides clutter-free
organization of devices and cabling.
The charging station is easy to configure. It ships fully assembled and supports mounting to a wall, desk, table, counter or floor. The front door opens 180
degrees for clear access, and removable dividers accommodate thicker devices.
Features
Fast Charging
16 USB ports provide fastest charging supported by each device, up to 2.4A per port
Perfect for iPad, Android, Surface and Kindle tablets
Also charges mobile phones and other USB devices
Detachable 10 ft. AC input cord
Convenient Syncing
USB sync uplink port connects to host computer for wired syncing
Also compatible with wireless syncing
Highlights
Fast 2.4A USB charging, syncing
and storage for 16 devices
Locking steel cabinet with
flow-through ventilation
Adjustable device dividers and
integrated cord management
Ships fully assembled and
mounts to wall, desk, table or
floor
Detachable 10 ft. power cord
Package Includes
CS16USB 16-device USB
charging station
(2) Keys for door lock
Detachable 10 ft. AC input cord
Owner’s manual
1 / 3


Similar Part No. - CS16USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
More results

Similar Description - CS16USB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS16USBW TRIPPLITE-CS16USBW Datasheet
515Kb / 2P
16-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount Option, White
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USBW TRIPPLITE-CS48USBW Datasheet
573Kb / 2P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, White
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
U280-016-RM TRIPPLITE-U280-016-RM Datasheet
524Kb / 3P
16-Port USB Charging Station with Syncing Function - 5V 40A / 200W USB Charger Output
U280-016-RMINT TRIPPLITE-U280-016-RMINT Datasheet
171Kb / 4P
16-Port USB Charging Station with Syncing, 230V, 5V 40A (200W) USB Charger Output, 2U Rack-Mount
CSD1006USB TRIPPLITE-CSD1006USB Datasheet
172Kb / 4P
10-Device Desktop USB Charging Station for Tablets, iPads and E-Readers
logo
Kingston Technology Far...
DTDUO3G2 KINGSTON-DTDUO3G2 Datasheet
172Kb / 2P
Expanded storage for tablets and smartphones
logo
Tripp Lite. All Rights ...
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com