Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS32USB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # CS32USB
Description  32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CS32USB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  CS32USB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CS32USB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved CS32USB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Also compatible with wireless syncing
Supports simultaneous syncing and charging(up to 1.5A per port during wired syncing)
Comprehensive Protection
Sturdy steel construction and powder-coated finish provide long-term durability
Door locks with included keys to prevent device theft, damage or tampering
Flow-through ventilation prevents devices from overheating
Coated shelves shield devices from scratches and scuffs
Flexible Configuration
Ships fully assembled
Supports mounting to wall, desk, table, counter or floor
Door opens 180 degrees for unrestricted device and service access
Removable dividers accommodate thicker devices
Firmware upgrade port for future updates
Converts to mobile cart with optional CSHANDLEKIT accessory
Specifications
OUTPUT
Charging Ports / Amps
(32) 2.4A
INPUT
Input Connection Type
C14 inlet with 100-250V AC compatibility. Also accepts user-supplied country-specific AC cordsets
Voltage Compatibility (VAC)
100-250
Input Frequency
50 / 60 Hz (auto-select)
PHYSICAL
Shipping Dimensions (hwd / in.)
30.5 x 28.4 x 26.4
Shipping Dimensions (hwd / cm)
77.5 x 72.1 x 67.1
Shipping Weight (lbs.)
130.1
Shipping Weight (kg)
58.6
Unit Dimensions (hwd / in.)
25.1 x 23.6 x 21.6
Unit Dimensions (hwd / cm)
63.75 x 59.94 x 54.86
Unit Weight (lbs.)
96
Unit Weight (kg)
43.2
Color
Black
CERTIFICATIONS
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com