Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YNETHE125 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # YNETHE125
Description  3.3V CMOS 125.000MHz Ethernet VCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

YNETHE125 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  YNETHE125 Datasheet HTML 1Page - Pericom Semiconductor Corporation YNETHE125 Datasheet HTML 2Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
All specifications are subject to change without notice.
YNETHE125
Rev B
07/13/12
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.pericom.com
3.3V CMOS 125.000 MHz Ethernet VCXO
Application Specific Voltage Controlled
Crystal Oscillator 7.0 x 5.0mm
YNETHE125
ASSP VCXO
Electrical Performance
Parameter
Min.
Typ.
Max.
Units
Notes
Output Frequency
125.000
MHz
Supply Voltage
VDD
3.135
3.3
3.465
V
Supply Current, Output Enabled
20
mA
Frequency Stability
±50
ppm
See Note 1 below
Operating Temperature Range
-40
+85
°C
Output Logic 0, VOL
10%
VDD
V
Output Logic 1, VOH
90%
VDD
V
Output Load
15
pF
Duty Cycle
45
55
%
Measured 50%
VDD
Rise and Fall Time
5
ns
Measured 20/80% of waveform
Jitter, Phase RMS(1-s)
1
ps
12kHz~20 MHz Frequency Band
Jitter, Peak to Peak (Pk-Pk)
40
ps
100.000 Random Periods
2
Voltage Control Function
Parameter
Min.
Typ.
Max.
Units
Notes
Absolute Pull Range (APR)
±50
ppm
See 1 below
Control Voltage Range
0.3
3.0
V
As rated
Center Control Voltage
1.65
V
For RMT Nominal Frequency
Monotonic Linearity
10
%
Positive Transfer Slope
Input Impedance
130
Control Voltage Pin
Notes:
1.
APR is relative to the nominal output frequency; APR is inclusive of frequency deviation due to stability.
Absolute Maximum Ratings
Parameter
Min.
Typ.
Max.
Units
Notes
Storage Temperature
-55
+125
°C
For the latest product information visit:
http://www.pericom.com/products/crystals-and-crystal-oscillators/assp-xo/?part=YNETHE125
For test circuit go to:
http://www.pericom.com/pdf/sre/tc_vc6cmos.pdf
For soldering reflow profile and reliability test ratings go to:
http://www.pericom.com/pdf/sre/reflow.pdf
For tape and reel information go to:
http://www.pericom.com/pdf/sre/tr_7050_xo.pdf
Notes:
1.
Stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25°C),
aging (10 years at +40°C average effective ambient temperature), shock and vibration.
2. Forspecificationsotherethanthoselisted,pleasecontactsales.
Output Enable / Disable Function
Parameter
Min.
Typ.
Max.
Units
Notes
Input Voltage (pin 2), Output Enable
3.0
V
or open
Input Voltage (pin 2), Output Disable (low power standby)
0.3
V
Output is Hi-Z
12-0054



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com