Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STZ8083 Datasheet(PDF) 3 Page - Solid State Optronic

Part # STZ8083
Description  Zero Cross Switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STZ8083 Datasheet(HTML) 3 Page - Solid State Optronic

  STZ8083 Datasheet HTML 1Page - Solid State Optronic STZ8083 Datasheet HTML 2Page - Solid State Optronic STZ8083 Datasheet HTML 3Page - Solid State Optronic STZ8083 Datasheet HTML 4Page - Solid State Optronic STZ8083 Datasheet HTML 5Page - Solid State Optronic STZ8083 Datasheet HTML 6Page - Solid State Optronic STZ8083 Datasheet HTML 7Page - Solid State Optronic STZ8083 Datasheet HTML 8Page - Solid State Optronic STZ8083 Datasheet HTML 9Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2014 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 3 of 9
STZ8083 H/S/TR
Rev 2.00 (06/12/2014)
002109
STZ8083
Zero Cross
800V / 1.2A
AC Solid State Relay
STZ8083 Connection (Wiring) Diagram
Snubber Circuit
Refer to the above figure as an example of a typical wiring diagram for the STZ8083.
INPUT
The input LED is connected to a drive circuit, consisting of a power source and a limiting resistor (RIN). Assuming 5V as the supply,
calculating a value for RIN can be determined by following:
RIN
=
(5V – 1.5V) / 0.010A
=
3.5V / 0.010A
≈
350 Ω
In the above calculation, an LED drop of 1.5V and desired IF of 10mA are used. Referencing the “Input Specifications” on page 2, the
typical drop across the LED is 1.4V and the maximum drop is 1.8V. For a more precise resistor value across all expected temperature
option, the “VIN vs. Temperature” curve (Figure 05 on page 4) can be referenced.
OUPUT
The output terminals (MT1 & MT2) are connected to an AC load, with maximum peak voltage (VL) of 800V and maximum continuous
current (IL) of 1.2 amps. The load must be derated according to temperature, and a derating curve can be found in Figure 04 on page 4.
Typical loads may include resistive or inductive loads.
Examples of resistive loads include:
Light Dimming Controls (home / office / industrial lighting)
Heating Element Controls (rice cookers / deep fryers)
Examples of inductive loads include:
Motor Controls (air conditioning blowers / fan control)
Valve Controls (washing machine water flow pumps, gasoline pumps)
In general, the STZ8083 can be used in many industrial and home appliance applications where high voltages (up to 800V peak) and
loads of up to 1.2A are being switched.
SNUBBER CIRUIT
A snubber circuit (outlined in above diagram) may be added when high levels of noise and / or surge are expected from the load. These
are often found in highly inductive loads and can lead to an “inductive kick” which may potentially damage components in the circuit. The
snubber circuit consists of a resistor (RS) and a capacitor (CS) which together help dissipate charge buildup across the load. Values for
RS and CS are dependent upon the load and SSO engineering support can help determine appropriate values if needed.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com