Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1188 Datasheet(PDF) 21 Page - Microchip Technology

Part # EMC1188
Description  Notebook Computers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1188 Datasheet(HTML) 21 Page - Microchip Technology

Back Button EMC1188 Datasheet HTML 17Page - Microchip Technology EMC1188 Datasheet HTML 18Page - Microchip Technology EMC1188 Datasheet HTML 19Page - Microchip Technology EMC1188 Datasheet HTML 20Page - Microchip Technology EMC1188 Datasheet HTML 21Page - Microchip Technology EMC1188 Datasheet HTML 22Page - Microchip Technology EMC1188 Datasheet HTML 23Page - Microchip Technology EMC1188 Datasheet HTML 24Page - Microchip Technology EMC1188 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
Quad Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1188
21
Revision 1.0 (07-11-13)
DATASHEET
5.7
Temperature Measurement
The EMC1188 can monitor the temperature of up to three externally connected diode.
The device contains programmable High, Low, and Therm limits for all measured temperature
channels. If the measured temperature goes below the Low limit or above the High limit, the ALERT
pin can be asserted (based on user settings).
5.7.1
Beta Compensation
The EMC1188 is configured to monitor the temperature of basic diodes (e.g., 2N3904) or CPU thermal
diodes. It automatically detects the type of external diode (CPU diode or diode connected transistor)
and determines the optimal setting to reduce temperature errors introduced by beta variation.
Compensating for this error is also known as implementing the transistor or BJT model for temperature
measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large error. For example, a 10% variation in beta for two forced emitter currents
with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
For the EMC1188 the External Diode 2 and External Diode 3 channels do not support Beta
Compensation.
5.7.2
Resistance Error Correction (REC)
Parasitic resistance in series with the external diodes will limit the accuracy obtainable from
temperature measurement devices. The voltage developed across this resistance by the switching
diode currents cause the temperature measurement to read higher than the true temperature.
Figure 5.3 Isolating ALERT and SYS_SHDN Pin
EMC1188
10
9
8
7
SMDATA
SMCLK
1
2
3
4
ALERT
VDD
DP1
DN1
SYS_SHDN
GND
+3.3V
22K
4.7K -
33K
+2.5 - 5V
5
6
DP2/DN3
DN2/DP3
+3.3V
22K
4.7K -
33K
+2.5 - 5V
Shared SYS_SHDN
Shared Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com