Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6N11 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6N11
Description  Rail-to-Rail Input and Output
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6N11 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6N11 Datasheet HTML 17Page - Microchip Technology MCP6N11 Datasheet HTML 18Page - Microchip Technology MCP6N11 Datasheet HTML 19Page - Microchip Technology MCP6N11 Datasheet HTML 20Page - Microchip Technology MCP6N11 Datasheet HTML 21Page - Microchip Technology MCP6N11 Datasheet HTML 22Page - Microchip Technology MCP6N11 Datasheet HTML 23Page - Microchip Technology MCP6N11 Datasheet HTML 24Page - Microchip Technology MCP6N11 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25073A-page 21
MCP6N11
Note: Unless otherwise indicated, TA = +25°C, VDD = 1.8V to 5.5V, VSS = GND, EN/CAL =VDD, VCM = VDD/2, VDM =0V,
VREF =VDD/2, VL =VDD/2, RL = 10 kΩ to VL, CL = 60 pF and GDM = GMIN; see Figure 1-6 and Figure 1-7.
2.4
Time Response
FIGURE 2-43:
Small Signal Step
Response.
FIGURE 2-44:
Large Signal Step
Response.
FIGURE 2-45:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-46:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-47:
Common Mode Input
Overdrive Recovery Time vs. Normalized Gain.
FIGURE 2-48:
Differential Input Overdrive
Recovery Time vs. Normalized Gain.
V
DD = 5.5V
G
DM = GMIN
R
F + RG = 10 kŸ
G
MIN =1to10
G
MIN = 1 to 10
G
MIN = 100
0
2
4
6
8
10
12
14
16
18
20
Time (μs)
5.0
5.5
V
DD = 5.5V
G
DM = GMIN
4.0
4.5
DM
MIN
R
F + RG = 10 kŸ
3.0
3.5
2.0
2.5
G
MIN = 1 to 10
G
MIN = 100
1.0
1.5
0.0
0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (μs)
9
10
7
8
5
6
7
G
1t 10
V
=55V
4
5
G
MIN = 1to 10
G
MIN = 100
V
DD =5.5V
V
DD = 1.8V
2
3
0
1
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
10
V
DD = 5.5V
1
V
DD = 1.8V
1
G
MIN = 1 to 10
G
MIN = 100
0
0
1.E+4
1.E+5
1.E+6
Frequency (Hz)
10k
100k
1M
1000
G
DMVDM = ±1V
100
V
DD = 5.5V
100
V
DD = 1.8V
DD
10
10
G
MIN = 100
1
G
MIN = 1
G
MIN = 10
1
10
100
Normalized Gain; G
DM/GMIN
1000
100
V
DD = 5.5V
100
V
DD = 1.8V
V
DD
5.5V
10
10
G
MIN = 100
1
G
MIN = 1
G
MIN = 10
1
10
100
Normalized Gain; G
DM/GMIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com