Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1186 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC1186
Description  Notebook Computers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1186 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC1186 Datasheet HTML 17Page - SMSC Corporation EMC1186 Datasheet HTML 18Page - SMSC Corporation EMC1186 Datasheet HTML 19Page - SMSC Corporation EMC1186 Datasheet HTML 20Page - SMSC Corporation EMC1186 Datasheet HTML 21Page - SMSC Corporation EMC1186 Datasheet HTML 22Page - SMSC Corporation EMC1186 Datasheet HTML 23Page - SMSC Corporation EMC1186 Datasheet HTML 24Page - SMSC Corporation EMC1186 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
Dual Channel 1°C Temperature Sensor with Hardware Thermal Shutdown and 1.8V SMBus Communications
Datasheet
SMSC EMC1186
21
Revision 1.0 (07-11-13)
DATASHEET
5.7
Temperature Measurement
The EMC1186 can monitor the temperature of one externally connected diodes.
The device contains programmable High, Low, and Therm limits for all measured temperature
channels. If the measured temperature goes below the Low limit or above the High limit, the ALERT
pin can be asserted (based on user settings).
5.7.1
Beta Compensation
The EMC1186 is configured to monitor the temperature of basic diodes (e.g., 2N3904) or CPU thermal
diodes. For External Diode 1, it automatically detects the type of external diode (CPU diode or diode
connected transistor) and determines the optimal setting to reduce temperature errors introduced by
beta variation. Compensating for this error is also known as implementing the transistor or BJT model
for temperature measurement.
For discrete transistors configured with the collector and base shorted together, the beta is generally
sufficiently high such that the percent change in beta variation is very small. For example, a 10%
variation in beta for two forced emitter currents with a transistor whose ideal beta is 50 would contribute
approximately 0.25°C error at 100°C. However for substrate transistors where the base-emitter junction
is used for temperature measurement and the collector is tied to the substrate, the proportional beta
variation will cause large error. For example, a 10% variation in beta for two forced emitter currents
with a transistor whose ideal beta is 0.5 would contribute approximately 8.25°C error at 100°C.
5.7.2
Resistance Error Correction (REC)
Parasitic resistance in series with the external diodes will limit the accuracy obtainable from
temperature measurement devices. The voltage developed across this resistance by the switching
diode currents cause the temperature measurement to read higher than the true temperature.
Contributors to series resistance are PCB trace resistance, on die (i.e. on the processor) metal
resistance, bulk resistance in the base and emitter of the temperature transistor. Typically, the error
caused by series resistance is +0.7°C per ohm. The EMC1186 automatically corrects up to 100 ohms
of series resistance.
Figure 5.3 Isolating ALERT and SYS_SHDN Pin
EM C 1 1 8 6
8
7
SM D A T A
SM C L K
1
2
3
4
AL E R T
VD D
DP
DN
SY S _ SH D N
GN D
+3 .3 V
22 K
4.7 K -
33 K
+ 2 .5 - 5 V
5
+3.3 V
22 K
4.7 K -
33 K
+ 2 .5 - 5 V
S h ar ed S Y S _ S H D N
Sh ared A le r t
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com