Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS355 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 1SS355
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

1SS355 Datasheet(HTML) 2 Page - Nanjing International Group Co

  1SS355 Datasheet HTML 1Page - Nanjing International Group Co 1SS355 Datasheet HTML 2Page - Nanjing International Group Co 1SS355 Datasheet HTML 3Page - Nanjing International Group Co 1SS355 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1SS355
Reverse Recovery Time Measurement Circuit
PULSE GENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
0.01 F
DUT
Surge Current Characteristics
1
Pulse Width: Tw (ms)
10
2
1
0.1
20
100
10
100
1000
10000
Pulse
Single Pulse
Forward Voltage, V
Reverse Voltage, V
1m
0
10
100
0.4
10m
100m
Ta=-25 C
Ta=75 C
Ta=25 C
Ta=125 C
1.2
0.8
Forward Characteristics
1
Ta=125 C
Ta=75 C
Ta=25 C
0
1n
100n
10n
40
1
0.1m
10
80
120
Reverse Characteristics
1m
0
0.1
0.2
Reverse Voltage, VR ( V )
4
812
14
1
2
10
Capacitance between terminals
characteristics
Forward Current (mA)
0
10
20
30
Reverse Recovery Time Characteristics
3
1
2
VR=6V
Irr=1/10IR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com