Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2N4401 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # ST2N4401
Description  NPN Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST2N4401 Datasheet(HTML) 2 Page - Nanjing International Group Co

  ST2N4401 Datasheet HTML 1Page - Nanjing International Group Co ST2N4401 Datasheet HTML 2Page - Nanjing International Group Co ST2N4401 Datasheet HTML 3Page - Nanjing International Group Co ST2N4401 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N4400 / 2N4401
Characteristics at Tamb = 25 OC
Parameter
Symbol
Min.
Max.
Unit
DC Current Gain
at VCE=1V, IC=0.1mA
ST 2N4401
hFE
20
-
-
at VCE=1V, IC=1mA
ST 2N4400
ST 2N4401
hFE
hFE
20
40
-
-
-
-
at VCE=1V, IC=10mA
ST 2N4400
ST 2N4401
hFE
hFE
40
58
-
-
-
-
at VCE=1V, IC=150mA
ST 2N4400
ST 2N4401
hFE
hFE
50
100
150
300
-
-
at VCE=2V, IC=500mA
ST 2N4400
ST 2N4401
hFE
hFE
20
40
-
-
-
-
Collector Cutoff Current
at VCB=35V
ICBO
-
100
nA
Emitter Cutoff Current
at VEB=5V
IEBO
-
100
nA
Collector Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO
40
-
V
Collector Base Breakdown Voltage
at IC=100µA
V(BR)CBO
60
-
V
Emitter Base Breakdown Voltage
at IE=100µA
V(BR)EBO
6
-
V
Collector Emitter Saturation Voltage
at IC=150mA, IB=15mA
at IC=500mA, IB=50mA
VCEsat
VCEsat
-
-
0.4
0.75
V
V
Collector Saturation Voltage
at IC=150mA, IB=15mA
at IC=500mA, IB=50mA
VBEsat
VBEsat
0.75
-
0.95
1.2
V
V
Gain Bandwidth Product
at VCE=10V, IC=20mA, f=100MHz
ST 2N4400
ST 2N4401
fT
fT
200
250
-
-
MHz
MHz
Collector Base Capacitance
at VCB=5V, f=100MHz
CCBO
-
6.5
pF
Turn On Time
at VCC=30V, VBE=2V, IC=150mA, IB1=15mA
ton
-
35
ns
Turn Off Time
at VCC=30V, IC=150mA, IB1=IB2=15mA
toff
-
255
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com