Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1213 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SA1213
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SA1213 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SA1213 Datasheet HTML 1Page - Nanjing International Group Co 2SA1213 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
25
50
75
100
125
150
0
100
200
300
400
500
600
-1
-10
-100
-1000
10
100
1000
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1
-10
-100
-1000
-0.1
-1
-10
10
100
1000
-1
-10
-100
-1000
-1000
-1
-10
-100
-1000
-10
-100
-1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-0
-200
-400
-600
-800
-1000
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
-2000
30
-3
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=-2V
h
FE
——
I
C
300
-500
-30
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
-300
-30
-3
I
C
——
V
BE
V
CE=-2V
BASE-EMITTER VOLTAGE V
BE
(V)
300
30
C
ob
C
ib
-0.3
-20
-3
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob
/C
ib
——
V
CB
/V
EB
REVERSE VOLTAGE V (V)
-300
-200
-3
T
a=100
℃
T
a=25
℃
β=20
-30
V
BEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
β=20
2SA1213
Typical Characterisitics
-3
T
a=100
℃
-300
-30
-300
-30
V
CEsat
——
I
C
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-6mA
-5.4mA
-4.8mA
-4.2mA
-3.6mA
-3mA
-2.4mA
-1.8mA
-1.2mA
I
B=-600uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com