Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1766 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC1766
Description  SOT-89-3L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC1766 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC1766 Datasheet HTML 1Page - Nanjing International Group Co 2SC1766 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1
10
100
1000
200
400
600
800
1000
1200
0
25
50
75
100
125
150
0
100
200
300
400
500
600
1
10
100
1000
10
100
1000
0
200
400
600
800
1000
1200
0.1
1
10
100
1000
0
1
2
3
4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
1
10
100
1000
10
20
30
40
50
60
70
1
10
100
1000
1
10
100
1000
1
10
100
1000
=20
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a
=100
T
a
=25
f
T
——
I
C
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
2SC1766
Typical Characteristics
I
C
h
FE
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
= 2V
2000
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
——
V
BE
COMMON EMITTER
V
CE
=2V
Static Characteristic
COMMON EMITTER
T
a
=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
REVERSE VOLTAGE
V
(V)
30
C
ob
/C
ib
——
V
CB
/V
EB
f=1MHz
I
E
=0/I
C
=0
T
a
=25
C
ob
C
ib
5.6
COMMON EMITTER
VCE=2V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
0.4
1.1
2000
2000
2000
=20
I
C
V
CEsat
——
COLLECTOR CURRENT
I
C
(mA)
6.0mA
5.4mA
4.8mA
4.2mA
3.6mA
3.0mA
1.2mA
1.8mA
2.4mA
I
B
=0.6mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com