Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1815 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC1815
Description  TO-92 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC1815 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC1815 Datasheet HTML 1Page - Nanjing International Group Co 2SC1815 Datasheet HTML 2Page - Nanjing International Group Co 2SC1815 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
10
100
10
100
1000
0
2
4
6
8
10
12
0.000
0.002
0.004
0.006
0.008
0.010
0.012
1
10
1
10
1
10
100
10
100
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
0.1
1
10
100
0.01
0.1
1
0.1
1
10
100
0.1
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
COMMON EMITTER
V
CE
=10V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
54uA
48uA
60uA
42uA
36uA
30uA
24uA
18uA
12uA
I
B
=6uA
COMMON EMITTER
T
a
=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
30
3
0.2
0.4
REVERSE VOLTAGE
V
(V)
f=1MHz
I
E
=0/ I
C
=0
T
a
=25
20
20
C
ob
C
ib
150
T
a
=25
0.2
150
T
a
=100
COMMON EMITTER
V
CE
=6V
COLLECTOR CURRENT
I
C
(mA)
AMBIENT TEMPERATURE
T
a
(
)
=10
T
a
=100
T
a
=25
0.03
0.3
150
COLLECTOR CURRENT
I
C
(mA)
=10
T
a
=25
T
a
=100
2
150
COLLECTOR CURRENT
I
C
(mA)
BASE-EMITTER VOLTAGE
V
BE
(V)
COMMON EMITTER
V
CE
=6V
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com