Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2383 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC2383
Description  TO-92L Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2383 Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC2383 Datasheet HTML 1Page - Nanjing International Group Co 2SC2383 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10
100
1000
10
100
110
1
10
100
1000
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
1
10
100
1000
300
600
900
1200
0
1020
3040
5060
70
0
50
100
150
200
250
300
350
1
10
100
1000
10
100
300
600
900
1
10
100
1000
h
FE
——
T a=
100
℃
T a=
25℃
β=10
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
500
C
ib
C
ob
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/V
EB
C
ob
/C
ib
——
REVERSE VOLTAGE V (V)
20
P
C
——
T
a
AMBIENT TEMPERATURE T
a
( )
℃
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
T
a=25
℃
2SC2383
Typical Characteristics
I
C
2.0mA
1.8mA
1.6mA
1.4mA
1.2mA
1.0mA
0.8mA
0.6mA
0.4mA
I
B
=0.2mA
I
C
V
CE
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON EMITTER
V
CE= 5V
T
a=100
℃
T
a=25
℃
COLLECTOR CURRENT I
C
(mA)
300
COMMON EMITTER
V
CE=5V
I
C
——
V
BE
BASE-EMMITER VOLTAGE V
BE (mV)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com