Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD965 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SD965
Description  NPN Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SD965 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SD965 Datasheet HTML 1Page - Nanjing International Group Co 2SD965 Datasheet HTML 2Page - Nanjing International Group Co 2SD965 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SD965
2.4
2.0
1.6
1.2
0.8
0
0.4
10
100
0.1
0.01
10
1
0.01
0.1
100
I E, A
0
-0.01
-0.1
-1
-10
fT - I E
COLLECTOR CURRENT, A
300
200
400
VCB=6V
Ta=25 C
VCE(sat) - IC
Ta= 75 C
0.1
25 C
0.001
0.01
IC/IB=30
10
1
-25 C
Ta ( C)
200
0
0
80
40
600
400
120
160
PC - Ta
800
1000
25 C
10
1
0.01
0.1
10
1
0.1
0.01
0.1
0.1
VCB, V
0
1
20
10
100
0.01
Cob - VCB
COLLECTOR CURRENT, A
60
40
80
100
1
10
I E=0
f=1MHz
Ta=25 C
100
1
10
VCE, V
100
t=10ms
Single pulse
Ta=25 C
SAFE OPERATION AREA
COLLECTOR CURRENT, A
I CP
I C
t=1s
0
VBE(sat) - IC
Ta= -25 C
1
75 C
25 C
IC/IB=30
300
200
100
0
500
600
400
1.6
0.8
0.4
0
1.2
VCE, V
1mA
2.4
2.0
0
1
2mA
3mA
4mA
5mA
6mA
4
2
3
h FE - IC
Ta= 75 C
25 C
-25 C
VCE=2V
Ta=25 C
1.6
0.8
0.4
VBE, V
1.2
-25 C
2.0
I B=7mA
Ta=25 C
I C - VCE
5
6
Ta= 75 C
I C - VBE
VCE=2V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com