Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR0710SC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR0710SC
Description  Full-Motion Universal Tablet Desk Clamp for 7 in. to 10 in. Tablets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR0710SC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR0710SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR0710SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full-Motion Universal Tablet Desk Clamp for 7 in. to
10 in. Tablets
MODEL NUMBER: DDR0710SC
Description
The DDR0710SC Full-Motion Universal Tablet Desk Clamp attaches to your desk, table or workstation, allowing you to mount your tablet above or below it and
free up valuable workspace. Upside-down mounting to a cabinet or workstation lets you read recipes or instructions at eye level. Clamps firmly to most flat
surfaces up to 1.6 inches thick. Flexible arm lets you adjust your tablet’s angle and height to fit your environment and comfort level. Fits tablets ranging from 7
to 10 inches. Rotates 360°, so you can view your tablet in portrait and landscape orientations. Easy installation in seconds with no tools necessary. Supports
tablets up to 2.2 pounds.
Features
Attaches to Most Desks, Tables and Workstations
Clamps securely to most flat surfaces up to 1.6 in. thick
Fits most tablets from 7 to 10 in.
Mounts above or below your workspace’s surface
Upside-down mounting lets you read recipes or instructions at eye level
Flexible arm lets you adjust height and angle for comfortable viewing
Full 360° rotation in both portrait and landscape orientations
Installs in Seconds
No tools necessary
Supports up to 2.2 lb.
Specifications
PHYSICAL
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
7.17 x 9.61 x 2.75
Highlights
Clamps to most flat surfaces up
to 1.6 in. thick
Fits most tablets ranging from 7
to 10 in.
Attaches above or below your
workspace’s surface
Rotates 360° in portrait and
landscape orientations
Supports up to 2.2 lb.
Package Includes
DDR0710SC Full-Motion
Universal Tablet Desk Clamp
Installation instructions
1 / 2


Similar Part No. - DDR0710SC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DDR02 ADAM-TECH-DDR02 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
DDR03 ADAM-TECH-DDR03 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
logo
Tripp Lite. All Rights ...
DDR0310SC TRIPPLITE-DDR0310SC Datasheet
489Kb / 2P
Full Motion Universal Tablet and Phone Desk Clamp
logo
Adam Technologies, Inc.
DDR04 ADAM-TECH-DDR04 Datasheet
122Kb / 1P
DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
logo
Tripp Lite. All Rights ...
DDR0810TRI TRIPPLITE-DDR0810TRI Datasheet
504Kb / 2P
Full-Motion Universal Flexible Tablet Stand
More results

Similar Description - DDR0710SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR0310SC TRIPPLITE-DDR0310SC Datasheet
489Kb / 2P
Full Motion Universal Tablet and Phone Desk Clamp
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DUNVPJT TRIPPLITE-DUNVPJT Datasheet
510Kb / 2P
Full Motion Universal Ceiling Mount for Projectors
DDR0810TRI TRIPPLITE-DDR0810TRI Datasheet
504Kb / 2P
Full-Motion Universal Flexible Tablet Stand
DDR1013SC TRIPPLITE-DDR1013SC Datasheet
473Kb / 2P
Full Motion Universal Tablet Desk Clamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com