Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR1013SC Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # DDR1013SC
Description  Full Motion Universal Tablet Desk Clamp
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

DDR1013SC Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  DDR1013SC Datasheet HTML 1Page - Tripp Lite. All Rights Reserved DDR1013SC Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Full Motion Universal Tablet Desk Clamp
MODEL NUMBER: DDR1013SC
Description
The DDR1013SC Full-Motion Universal Tablet Desk Clamp attaches to your desk, table or workstation, allowing you to mount your tablet above it and free up
valuable workspace. The mount clamps firmly to most flat surfaces up to 2.75 in. thick, and the 23-inch flexible arm lets you adjust your tablet’s angle and
height to fit your environment and comfort level. Two separate holders fit tablets ranging from 10 inches to 13.5 inches. Both rotate 360°, so you can view your
tablet in portrait and landscape modes. The sleekly designed DDR1013SC comes preassembled for easy installation in seconds with no tools necessary.
Supports weights up to 3.1 lb.
Features
Attaches to Almost Any Desk, Table or Workstation
Durable, sturdy clamp fits tightly to most flat surfaces up to 2.75 in. thick
Flexible 23-inch arm lets you adjust height and angle for perfect viewing
Full 360° rotation for both portrait and landscape modes
Installs in Seconds
Comes preassembled for easy installation—no tools necessary
Included holders fit most tablets from 10 in. to 13.5 in.
Supports up to 3.1 lb.
Specifications
PHYSICAL
Mounting Location
Desktop
Unit Dimensions (hwd / in.)
23.4 x 2.20 x 2.07
Unit Dimensions (hwd / cm)
59.4 x 5.59 x 5.26
Highlights
Increases valuable workspace on
your desk, table or workstation
Fits tablets ranging from 10 in. to
13.5 in.
Adjusts display angle and height
with just a touch
Rotates 360°
Supports up to 3.1 lb.
Package Includes
DDR1013SC Full-Motion
Universal Tablet Desk Clamp
Owner’s Manual
1 / 2


Similar Part No. - DDR1013SC

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
DDR1000W500RJC TOKEN-DDR1000W500RJC Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJG TOKEN-DDR1000W500RJG Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJN TOKEN-DDR1000W500RJN Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RJZ TOKEN-DDR1000W500RJZ Datasheet
307Kb / 2P
Power Resistor Assembly Method
DDR1000W500RKC TOKEN-DDR1000W500RKC Datasheet
307Kb / 2P
Power Resistor Assembly Method
More results

Similar Description - DDR1013SC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
DDR0310SC TRIPPLITE-DDR0310SC Datasheet
489Kb / 2P
Full Motion Universal Tablet and Phone Desk Clamp
DDR1327DCS TRIPPLITE-DDR1327DCS Datasheet
509Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327NBMSC TRIPPLITE-DDR1327NBMSC Datasheet
515Kb / 2P
Full Motion Dual Desk Clamp for 13 to 27" monitors and laptops up to 15"||" "696120
Full-Motion Desk Mount for 13" to 27" Flat-Screen
DDR1327S TRIPPLITE-DDR1327S Datasheet
497Kb / 2P
Full-Motion Desk Mount for 13" to 27" Flat-Screen Displays
DDR1327SDFC TRIPPLITE-DDR1327SDFC Datasheet
504Kb / 2P
Dual Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SFC TRIPPLITE-DDR1327SFC Datasheet
496Kb / 2P
Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DDR1327SQFC TRIPPLITE-DDR1327SQFC Datasheet
496Kb / 2P
Quad Full-Motion Flex Arm Desk Clamp for 13" to 27" Flat-Screen Displays
DUNVPJT TRIPPLITE-DUNVPJT Datasheet
510Kb / 2P
Full Motion Universal Ceiling Mount for Projectors
DDR0710SC TRIPPLITE-DDR0710SC Datasheet
508Kb / 2P
Full-Motion Universal Tablet Desk Clamp for 7 in. to 10 in. Tablets
DDR0810TRI TRIPPLITE-DDR0810TRI Datasheet
504Kb / 2P
Full-Motion Universal Flexible Tablet Stand
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com