Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FE1A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # FE1A
Description  Superfast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FE1A Datasheet(HTML) 1 Page - Diotec Semiconductor

  FE1A Datasheet HTML 1Page - Diotec Semiconductor FE1A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
124
28.02.2002
FE 1A … FE 1G
Superfast Silicon Rectifiers
Superschnelle Silizium Gleichrichter
Nominal current – Nennstrom
1 A
Repetitive peak reverse voltage
50…400 V
Periodische Spitzensperrspannung
Plastic case
DO-15
Kunststoffgehäuse
DO-204AC
Weight approx. – Gewicht ca.
0.4 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped in ammo pack
see page 16
Standard Lieferform gegurtet in Ammo-Pack
siehe Seite 16
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
FE 1A
50
50
FE 1B
100
100
FE 1D
200
200
FE 1F
300
300
FE 1G
400
400
Max. average forward rectified current, R-load
T
A = 50
/CI
FAV
1 A 1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
10 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
30 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
4.5 A2s
Grenzlastintegral, t < 10 ms
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+175
/C


Similar Part No. - FE1A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
FE1A GE-FE1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST EFFICIENT RECTIFIER
logo
Diotec Semiconductor
FE1A DIOTEC-FE1A Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
logo
EIC discrete Semiconduc...
FE1A EIC-FE1A Datasheet
100Kb / 2P
SUPER FAST RECTIFIERS
logo
Diotec Semiconductor
FE1A DIOTEC-FE1A Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
FE1A DIOTEC-FE1A Datasheet
92Kb / 2P
Superfast Switching Silicon-Rectifier Diodes
More results

Similar Description - FE1A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
FE2A DIOTEC-FE2A Datasheet
154Kb / 2P
Superfast Silicon Rectifiers
F1200A DIOTEC-F1200A_07 Datasheet
93Kb / 2P
Superfast Silicon-Rectifiers
FE1A DIOTEC-FE1A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE2A DIOTEC-FE2A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE3A DIOTEC-FE3A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
FE6A DIOTEC-FE6A_07 Datasheet
58Kb / 2P
Superfast Switching Silicon-Rectifiers
logo
Semtech Corporation
SBR05FF SEMTECH-SBR05FF Datasheet
54Kb / 2P
SUPERFAST RECOVERY 1 PHASE SILICON BRIDGE RECTIFIERS
logo
Diotec Semiconductor
FR20AYD2 DIOTEC-FR20AYD2 Datasheet
135Kb / 2P
Superfast Silicon Rectifiers ??Two Anode Pins
FT2000AA DIOTEC-FT2000AA_10 Datasheet
123Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
Superfast Silicon Rectifiers - Single Diode / Two Polarities
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com