Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC6 Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # CC6
Description  Polyester 0.061 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC6 Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  CC6 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC6 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND CC6 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CC6 Applicationnotes
Package info
1) Maximum Reflow
Condition
Maximum Reflow Condition in accordance
with JEDEC STD-020C.
Please note:
Using Infrared-Radiation for reflow-soldering
results in unpredictable temperatures on the
components. Parts could be over-heated and
permanently damaged.
It is recommended not using IR-radiation for
reflow-soldering.


Similar Part No. - CC6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CC6 VISHAY-CC6 Datasheet
92Kb / 3P
Thin Film 0304 Size Resistor on Alumina
27-May-13
logo
TDK Electronics
CC6-0305SF-E TDK-CC6-0305SF-E Datasheet
178Kb / 1P
DC-DC Converters
CC6-0305SR-E TDK-CC6-0305SR-E Datasheet
178Kb / 1P
DC-DC Converters
CC6-0312DF-E TDK-CC6-0312DF-E Datasheet
178Kb / 1P
DC-DC Converters
CC6-0312DR-E TDK-CC6-0312DR-E Datasheet
178Kb / 1P
DC-DC Converters
More results

Similar Description - CC6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MKS3 ETC-MKS3 Datasheet
32Kb / 2P
Metallized polyester capacitors in PCM 7.5 mm
MKS2D031001A00KSSD ETC2-MKS2D031001A00KSSD Datasheet
388Kb / 8P
Metallized Polyester (PET) Capacitors in PCM 5 mm
MKS4G032205BSOKSSD ETC2-MKS4G032205BSOKSSD Datasheet
467Kb / 11P
Metallized Polyester (PET) Capacitors PCM 7.5 mm to 37.5 mm
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
Polyester based
logo
MICORO CRYSTAL SWITZERL...
CC1 MICROCRYSTAL-CC1 Datasheet
1Mb / 3P
Polyester 0.061 mm
CC2 MICROCRYSTAL-CC2 Datasheet
948Kb / 3P
Polyester 0.061 mm
logo
Kemet Corporation
SSHB21H-04610 KEMET-SSHB21H-04610 Datasheet
102Kb / 1P
KEMET, SSHB21H, Commercial Grade, 0.061 H
logo
FIBOX Enclosing innovat...
7094320 FIBOX-7094320 Datasheet
57Kb / 2P
Enclosure, polyester
13.01.2023
8104006 FIBOX-8104006 Datasheet
67Kb / 2P
Polyester cabinet
26.07.2023
8104008 FIBOX-8104008 Datasheet
59Kb / 2P
Polyester cabinet
26.07.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com