Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2 Datasheet(PDF) 3 Page - MICORO CRYSTAL SWITZERLAND

Part # CC2
Description  Polyester 0.061 mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC2 Datasheet(HTML) 3 Page - MICORO CRYSTAL SWITZERLAND

  CC2 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC2 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND CC2 Datasheet HTML 3Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
!
12 mm Carrier-Tape:
Material: Polystyrene / Butadine or
Polystyrol black, conductive
 
User Direction of Feed
Product name:
QUARTZ CRYSTAL UNIT
Product weight:
30 mg +/-10%
Table of material declaration:
RoHS compliant, 100% Lead-free
No.
Name of the part
Material mass
(mgram)
Material name
Material analysis
(Element)
CAS number
Material analysis
(weight%)
Comment
1
Resonator
0.65
SiO2
14808-60-7
2
Electrodes
0.01
Cr+Au
Cr
7440-47-3
6%
Au
7440-57-5
94%
3
Housing
125.7
Ceramic
Al2O3
1344-28-1
4
Seal
6.5
Preform
Au(80%)+Sn(20%)
Au: 7440-57-5
80%
Sn: 7440-31-5
20%
5
Terminations
7.1
0.5 (min) micron Gold
over Nickel barrier
on Tungsten substrate
W
W: 7440-33-7
80%
Ni
Ni: 7440-02-0
15%
Au
Au: 7440-57-5
5%
6
Epoxy attach
0.075
Silver filled Epoxy
EP
129915-35-1
30%
Ag
7440-22-4
70%
UTC Universal Cover Tape:
Base Material:
Polyester 0.061 mm
Adhesive Material: Pressure-sensitive
Synthetic Polymer
Peel method:
Middle part removed,
sticky sides remain
on carrier
Tape Leader and Trailer: 300 mm minimum
All dimensions are in mm
4) TAPE & REEL FOR:
CC2A-T1A
5) MATERIAL
CC2
DECLARATION
Version 1.0/11.2012
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com