Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSO2F Datasheet(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO2F
Description  family package 5횞3.2 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO2F Datasheet(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  MCSO2F Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO2F Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
MCSO2F familypackage5×3.2mm
Low Jitter
From 10 kHz up to 225 MHz
Recommended Solder Pad:
All dimensions in mm typical
ELECTRICAL
CHARACTERISTICS AT +25°C
Frequency stability
Over temperature range (see ordering info)
Including:adjustment at +25°C
long term aging 10 years
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 100
ppm
Frequency stability version T
Over temperature range (see ordering info)
Including: adjustment at +25°C
long term aging 1 year
over supply voltage ±5%
over load min to max
ΔF/F
≤ ± 50
ppm
Supply voltage ± 5%
1)*
Vdd
1.8 / 2.5 / 3.3
V
Input current
Idd
see table 1
Output signal
HC-MOS compatible
Symmetry at Vdd/2
40 / 60
%
Rise & fall time ≤ 20MHz
For F=32.768 kHz rise & fall time ≤ 150ns
(load 15pf 20% to 80%)
≤7
ns
Rise & fall time ≥ 20MHz
(load 15pf 10% to 90%)
≤3
ns
Level "0" & "1"
<0.4>Vdd-0.5
V
Start-up time
t
<5
ms
Load min / max
3/47
pF
Jitter ≤ 20MHz one sigma
< 2rms
ps
Jitter > 20MHz one sigma
< 10rms
ps
100% Leadfree, RoHScompliant:
DESCRIPTION:
This SMD oscillator in ceramic package has been specially designed for
surface mount using infrared, vapor phase or epoxy techniques.
APPLICATIONS:
- Avionics
- Airbone equipments
- Remote control
- Security application
- Radio Transceiver
- Microprocessor clocks
The MCSO2's are supplied on trays (128 pcs / tray)
For pick-and-place equipment, the parts are available in 12mm tapes
with 250 parts min
1000 parts min
SMT Clock oscillator in ceramic
package
Fundamental quartz mode frequency
High shock and vibration resistance
Wide temperature range
Low aging
Ultra low MSL
Very fast start-up
Excellent solderability
Swiss made quality
Customer specification on request
5.00
2.35
3.20
1.6
1.6
1
2
3
4
1.5
2.7
1.5
4
3
1
2
pin 1 E/D
pin 2 GND
pin 3 Fout
pin 4 Vdd
Package:
Bottom view
* 1) C = 47nF ceramic must be connected between GND & Vdd


Similar Part No. - MCSO2F

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MCSO2F GOLLEDGE-MCSO2F Datasheet
142Kb / 1P
CMOS Oscillator -55125째C Low Jitter
MCSO2FH GOLLEDGE-MCSO2FH Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
MCSO2FHV GOLLEDGE-MCSO2FHV Datasheet
550Kb / 4P
Excellent shock & vibration resistance
MCSO2FHW GOLLEDGE-MCSO2FHW Datasheet
551Kb / 4P
Excellent shock & vibration resistance
MCSO2FHW/TB GOLLEDGE-MCSO2FHW/TB Datasheet
141Kb / 1P
CMOS Oscillator Low Jitter
More results

Similar Description - MCSO2F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
82325 VISHAY-82325 Datasheet
98Kb / 2P
Package Dimensions in mm
02-Aug-04
PM2VI1 VISHAY-PM2VI1 Datasheet
45Kb / 2P
Package Dimensions in mm
02-Aug-04
SOT-490 VISHAY-SOT-490 Datasheet
35Kb / 2P
Package Dimensions in mm
06-Sep-04
PM2SL1 VISHAY-PM2SL1 Datasheet
93Kb / 2P
Package Dimensions in mm
30-Jul-04
logo
Amkor Technology
PSVFBGA AMKOR-PSVFBGA Datasheet
251Kb / 2P
Package on Package (PoP) Family
logo
STMicroelectronics
TN0885 STMICROELECTRONICS-TN0885 Datasheet
423Kb / 6P
STMicroelectronics has introduced a new package family
23-Mar-2012
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS Datasheet
330Kb / 3P
family package DIL 14
SCOCXOH MICROCRYSTAL-SCOCXOH Datasheet
329Kb / 3P
family package DIL 14
SCOCXOL MICROCRYSTAL-SCOCXOL Datasheet
326Kb / 3P
family package DIL 14
VCXO2H MICROCRYSTAL-VCXO2H Datasheet
337Kb / 2P
family package 5횞3.2 mm T range up to 125째C 40MHz to 130MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com