Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2USB4122 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI2USB4122
Description  USB 3.0, 4:1 Mux/DeMux Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2USB4122 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI2USB4122 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2USB4122 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2USB4122 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2USB4122 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2USB4122 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2USB4122 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Pericom
05/23/14
PI2USB4122
USB 3.0, 4:1 Mux/DeMux Switch
+
+
BALANCED
PORT1
DUT
+
50
50
+
BALANCED
PORT2
50
50
Diff. Near End Xtalk Test Circuit
+
+
BALANCED
PORT1
BALANCED
PORT2
DUT
+
50
50
Diff. Off Isolation Test Circuit
+
+
BALANCED
PORT1
BALANCED
PORT2
DUT
Diff. Insertion Loss and Return
Test Circuit
Switching Waveforms
Voltage Waveforms Enable and Disable Times
tPLZ
VDD/2
VDD/2
VDD
VOH
0V
VOL
VDD/2
VOH –0.3V
VOL +0.3V
VDD/2
tPHZ
tPZL
tPZH
Output
Output
VOL
VOH
SEL
Switch Positions
Test
Switch
tPLZ,tPZL
2xVDD
tPHZ,tPZH
GND
PropDelay
Open
RT
4pF
CL
VDD
VIN
VOUT
200-ohm
200-ohm
2 x VDD
Pulse
Generator
D.U.T
Test Circuit for Electrical Characteristics(1-5)
Notes:
1. CL=Loadcapacitance:includesjigandprobecapacitance.
2. RT=Terminationresistance:shouldbeequaltoZOUTofthePulseGenerator
3. Output1isforanoutputwithinternalconditionssuchthattheoutputislowexceptwhendisabledbytheoutputcontrol.
output2isforanoutputwithinternalconditionssuchthattheoutputishighexceptwhendisabledbytheoutputcontrol.
4. Allinputimpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR≤MHz,ZO=50Ω,tR≤2.5ns,tF≤2.5ns.
5. Theoutputsaremeasuredoneatatimewithonetransitionpermeasurement.
14-0075



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com