Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI2PUSB4122ZHE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI2PUSB4122ZHE
Description  USB 3.0, 4:1 Mux/DeMux Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI2PUSB4122ZHE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI2PUSB4122ZHE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI2PUSB4122ZHE Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Pericom
05/23/14
PI2USB4122
USB 3.0, 4:1 Mux/DeMux Switch
DC Electrical Characteristics for Switching over Operating Range
(TA = –40°C to +85°C, VDD = 1.8V+/-10%)
Parameter
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
VIH
InputHIGHVoltage
GuaranteedHIGHlevel
0.65xVDD
-
-
V
VIL
InputLOWVoltage
GuaranteedLOWlevel
-
-
0.35xVDD
VIK
ClampDiodeVoltage
VDD=Max.,IIN=–18mA
-
-0.7
-1.2
IIH
InputHIGHCurrent
VDD=Max.,VIN=VDD
-
-
±5
μA
IIL
InputLOWCurrent
VDD=Max.,VIN=GND
-
-
±5
StorageTemperature......................................... –65°Cto+150°C
SupplyVoltagetoGroundPotential....................–0.5Vto+2.5V
DCInputVoltage................................................. –0.5Vto+VDD
DCOutputCurrent........................................................... 120mA
PowerDissipation................................................................ 0.5W
Note: StressesgreaterthanthoselistedunderMAXIMUMRATINGS
maycausepermanentdamagetothedevice.Thisisastressratingonly
andfunctionaloperationofthedeviceattheseoranyotherconditions
abovethoseindicatedintheoperationalsectionsofthisspecification
isnotimplied.Exposuretoabsolutemaximumratingconditionsfor
extendedperiodsmayaffectreliability.
Maximum Ratings
(Abovewhichusefullifemaybeimpaired.Foruserguidelines,nottested.)
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
ICC
QuiescentPowerSupplyCurrent
VDD=Max,VIN=GNDorVDD
200
300
µA
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
Switching Characteristics (TA= -40º to +85ºC, VDD = 1.8V+/-10%)
Parameter
Description
Min.
Typ.(2)
Max.
Units
tPZH,tPZL LineEnableTime-SELtoAN,BN
0.5
-
8.0
ns
tPHZ,tPLZ LineDisableTime-SELtoAN,BN
0.5
-
10
tb-b
Bit-to-bitskewwithinthesamedifferentialpair
7
ps
tch-ch
Channel-to-channelskew
35
ps
Dynamic Electrical Characteristics Over the Operating Range
(TA= -40º to +85ºC, VDD = 1.8V+/-10%)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
f=2.5GHz
-40
dB
OIRR
OFFIsolation
f=2.5GHz
-25
dB
ILOSS
DifferentialInsertionLoss
f=2.5GHz
-3.0
dB
BW
Bandwidth-3dB
2.6
GHz
Notes:
1. Guaranteedbydesign.
2. TypicalvaluesareatVDD=1.8V,TA =25°Cambientandmaximumloading.
14-0075



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com