Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT2000B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # FT2000B
Description  Fast Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

FT2000B Datasheet(HTML) 2 Page - Diotec Semiconductor

  FT2000B Datasheet HTML 1Page - Diotec Semiconductor FT2000B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary
Vorläufig
2
FT 2000 A … FT 2000 G
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25°C
I
F = 20 A
V
F
< 0.94 V
Leakage current – Sperrstrom
T
j = 25°C
V
R = VRRM
I
R
< 25 µA
Reverse recovery time
I
F = 0.5 A through/über
t
rr
< 200 ns
Sperrverzugszeit
I
R = 1 A to/auf IR = 0.25 A
Thermal resistance junction to case
R
thC
< 2.0 K/W
Wärmewiderstand Sperrschicht – Gehäuse
T
C
[°C]
Rated forward current versus case temperature
Zul. Richtstrom in Abh. von der Gehäusetemp.
120
100
80
60
40
20
0
[%]
I
FAV
100
10
1
10
10
-1
-2
[A]
I
F
V
F
[V]
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
T = 25°C
j



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com