Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3A3899 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3A3899
Description  High Speed, Dual DPDT Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A3899 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3A3899 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A3899 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
12-08-0002
PT0447-2
09/29/12
2
PI3A3899
High Speed, Dual DPDT Analog Switch
Maximum Ratings
Storage Temperature ............................................................... -65℃ to +150℃
Ambient Temperature ............................................................... -40℃ to +85℃
ESD(HBM) ............................................................................. 4kV for All Pins
8kV for I/O to GND
Supply Voltage VCC .................................................................. -0.5V to +4.6V
Control Input Voltage (VINX) ........................................................... 0 to +5.0V
DC Input Voltage (VINPUT) ........................................................ -0.5V to +4.6V
Continuous Current NO/NC/COM ..................................................... ±400mA
Peak Current NO/NC/COM (Pulse at 1ms 10% duty cycle)............... ±500mA
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
-
1.65
-
4.3
V
VINX
Control Input Voltage
-
0
-
4.3
V
VINPUT
Switch Input Voltage
-
-0.3
-
VCC
V
TA
Operating Temperature
-
-40
25
85
°C
tr, tf
Input Rise and Fall Time
Control Input pins
VCC = 2.3V to 3.6V
0
-
10
ns/V
Note: Control input must be held HIGH or LOW; it must not float.
Note:
Stresses
greater
than
those
listed
under
MAXIMUM RATINGS may cause permanent
damage to the device. This is a stress rating only
and functional operation of the device at these or
any other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com