Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP40C Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # 3KP40C
Description  3000 Watt Peak Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

3KP40C Datasheet(HTML) 1 Page - Nanjing International Group Co

  3KP40C Datasheet HTML 1Page - Nanjing International Group Co 3KP40C Datasheet HTML 2Page - Nanjing International Group Co 3KP40C Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
■ 3000 Watt Peak Power
■ Dimension
Dim
Millimeters
Inches
Min
Max
Min
Max
A
25.4
---
1.000
---
B
8.6
9.1
0.340
0.360
C
1.2
1.3
0.048
0.052
D
8.6
9.1
0.340
0.360
R-6
■ Specification
Type Number
Reverse
Stand-Off
Voltage
Breakdown
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRMW
(Uni)
(Bi)
VRMW(V)
VBR MIN(V)
VBR MAX(V)
IT (mA)
VC(V)
IPP(A)
IR(uA)
3KP5.0
3KP5.0C
5.0
6.40
7.55
10
9.6
312.5
1000.0
3KP5.0A
3KP5.0CA
5.0
6.40
7.25
10
9.2
326.1
1000.0
3KP6.0
3KP6.0C
6.0
6.67
8.45
10
11.4
263.2
1000.0
3KP6.0A
3KP6.0CA
6.0
6.67
7.67
10
10.3
291.3
1000.0
3KP6.5
3KP6.5C
6.5
7.22
9.14
10
12.3
243.9
500.0
3KP6.5A
3KP6.5CA
6.5
7.22
8.30
10
11.2
267.9
500.0
3KP7.0
3KP7.0C
7.0
7.78
9.86
10
13.3
225.6
200.0
3KP7.0A
3KP7.0CA
7.0
7.78
8.95
10
12.0
250.0
200.0
3KP7.5
3KP7.5C
7.5
8.33
10.67
1.0
14.3
209.8
50.0
3KP7.5A
3KP7.5CA
7.5
8.33
9.58
1.0
12.9
232.6
50.0
3KP8.0
3KP8.0C
8.0
8.89
11.3
1.0
15.0
200.0
10.0
3KP8.0A
3KP8.0CA
8.0
8.89
10.23
1.0
13.6
220.6
10.0
3KP8.5
3KP8.5C
8.5
9.44
11.92
1.0
15.9
188.7
5.0
3KP8.5A
3KP8.5CA
8.5
9.44
10.82
1.0
14.4
208.3
5.0
3KP9.0
3KP9.0C
9.0
10.0
12.6
1.0
16.9
177.5
5.0
3KP9.0A
3KP9.0CA
9.0
10.0
11.5
1.0
15.4
194.8
5.0
3KP10
3KP10C
10
11.1
14.1
1.0
18.8
159.6
5.0
3KP10A
3KP10CA
10
11.1
12.8
1.0
17.0
176.5
5.0
3KP11
3KP11C
11
12.2
15.4
1.0
20.1
149.3
5.0
3KP11A
3KP11CA
11
12.2
14.0
1.0
18.2
164.8
5.0
3KP12
3KP12C
12
13.3
16.9
1.0
22.0
136.4
5.0
3KP12A
3KP12CA
12
13.3
15.3
1.0
19.9
150.8
5.0
3KP13
3KP13C
13
14.4
18.2
1.0
23.8
126.1
5.0
3KP13A
3KP13CA
13
14.4
16.5
1.0
21.5
139.5
5.0
※ For Bi-directional type having VRWM of 10 Volts and less, the IR limit is double
TRANSIENT VOLTAGE SUPPRESSORS
3KP5.0CA---3KP190CA


Similar Part No. - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP40C PANJIT-3KP40C Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP40C SURGE-3KP40C Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP40C FORMOSA-3KP40C Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KPSMC28A RECTRON-3KPSMC28A Datasheet
644Kb / 6P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
logo
Goodwork Semiconductor ...
3KP GWSEMI-3KP Datasheet
189Kb / 4P
3000 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
3KP5.0A LEIDITECH-3KP5.0A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP6.0A LEIDITECH-3KP6.0A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP6.5A LEIDITECH-3KP6.5A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP10A LEIDITECH-3KP10A Datasheet
344Kb / 3P
3000 Watt Peak Power
3KP51A LEIDITECH-3KP51A Datasheet
344Kb / 3P
3000 Watt Peak Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com