Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS35 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # BAS35
Description  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

BAS35 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  BAS35 Datasheet HTML 1Page - Olitech Electronics Co.Ltd BAS35 Datasheet HTML 2Page - Olitech Electronics Co.Ltd BAS35 Datasheet HTML 3Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Email: info@olitech-elec.com Website: www.olitech-elec.com
BAS35
Silicon Epitaxial Planar Switching Diode
Features
•
Small package
•
Low forward voltage
•
Fast reverse recovery time
•
Small total capacitance
Applications
•
Ultra high speed switching application
Absolute Maximum Ratings (Ta = 25℃)
Page 1 of 3
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
85
V
Continuous Reverse Voltage
VR
75
V
Forward Current (DC)
Single Diode Loaded
Double Diode Loaded
IF
215
125
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non-repetitive Peak Forward Surge
Current
at t = 1 s
at t = 1 ms
at t = 1 μs
IFSM
0.5
1
4
A
Power Dissipation
Ptot
350
mW
Operating Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
- 65 to + 150
℃
3
1
2
Marking
Code:
A3
SOT-23 Plastic Package


Similar Part No. - BAS35

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS35 PHILIPS-BAS35 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
logo
Jinan Gude Electronic D...
BAS35 JGD-BAS35 Datasheet
96Kb / 1P
SURFACE MOUNT SWITCHING DIODES
logo
Fairchild Semiconductor
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
logo
TRANSYS Electronics Lim...
BAS35 TEL-BAS35 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Guangdong Kexin Industr...
BAS35 KEXIN-BAS35 Datasheet
79Kb / 4P
General Purpose Controlled Avalanche Diodes
More results

Similar Description - BAS35

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
MMBD202CAW SEMTECH_ELEC-MMBD202CAW Datasheet
215Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com