Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST8550E Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # ST8550E
Description  PNP Silicon Epitaxial Planar Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

ST8550E Datasheet(HTML) 2 Page - Nanjing International Group Co

  ST8550E Datasheet HTML 1Page - Nanjing International Group Co ST8550E Datasheet HTML 2Page - Nanjing International Group Co ST8550E Datasheet HTML 3Page - Nanjing International Group Co ST8550E Datasheet HTML 4Page - Nanjing International Group Co ST8550E Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
8550
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at -VCE=1V, -IC=100mA
at -VCE=1V, -IC=350mA
ST 8550B
ST 8550C
ST 8550D
ST 8550E
hFE
hFE
hFE
hFE
hFE
70
120
160
300
60
-
-
-
-
-
120
200
300
380
-
-
-
-
-
-
Collector Cutoff Current
at -VCB=35V
ICBO
-
-
100
nA
Collector Saturation Voltage
at -IC=500mA, -IB=50mA
VCE(sat)
-
-
0.5
V
Base Saturation Voltage
at -IC=500mA, -IB=50mA
VBE(sat)
-
-
1.2
V
Collector Emitter Breakdown Voltage
at -IC=2mA
V(BR)CEO
25
-
-
V
Collector Base Breakdown Voltage
at -IC=10μA
V(BR)CBO
40
-
-
V
Emitter Base Breakdown Voltage
at -IE=100μA
V(BR)EBO
6
-
-
V
Gain Bandwidth Product
at -VCE=5V, -IC=10mA, f=50MHz
fT
-
100
-
MHz
Collector Base Capacitance
at -VCB=10V, f=1MHz
CCBO
-
12
-
pF
Thermal Resistance Junction to Ambient
RthA
-
-
200
1)
K/W
1)
Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com