Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GP02-13 Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # GP02-13
Description  High Voltage 1.5A Sintered Glass Passivated Rectifie
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

GP02-13 Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  GP02-13 Datasheet HTML 1Page - Olitech Electronics Co.Ltd GP02-13 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THRU GP02-20
GP02-12
: Plated axial leads, solderable per MIL-STD-750,
1.5
2000
1200
High Voltage 1.5A Sintered Glass Passivated Rectifie
: JEDEC DO-41 molded plastic over glass body
Method 2026
: Color band denotes cathode end
:0.012 ounce, 0.33 grams(DO-41)
GPRC ( Glass Passivated Rectifier Chip ) inside
Glass passivated cavity - free junction
Capable of meeting environmental standards of MIL-S-19500
RoHS Compliance
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
High temperature soldering guaranteed:
260 C/10 seconds,0.375”(9.5mm) lead length, 5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
DO-41
0.107 (2.7)
0.080 (2.0)
DIA.
0.034 (0.86)
0.028 (0.70)
DIA.
1.0 (25.4)
MIN.
0.205 (5.2)
0.160(4.1)
1.0 (25.4)
MIN.
VOLTAGE RANGE
to
Volts
CURRENT
Ampere
•
•
•
•
Weight
Polarity
Case
•
•
•
•
•
•
Terminals
Email: info@olitech-elec.com
Website: www.olitech-elec.com
GP02-20
GP02-18
GP02-15
GP02-12
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V.
3.Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
A
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.5
30.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375
”(9.5mm) lead length (see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.5 A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
R
θJA
CJ
TJ,TSTG
50.0
3.0
-65 to +175
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
uS
2000
1400
2000
1800
1260
1800
1500
1050
1500
1200
840
1200
2.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
•
•
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.
2.0


Similar Part No. - GP02-13

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
GP02-13A OLITECH-GP02-13A Datasheet
675Kb / 2P
High Voltage 1.0A Sintered Glass Passivated Rectifie
More results

Similar Description - GP02-13

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
EGP15A TAITRON-EGP15A Datasheet
145Kb / 4P
1.5A Sintered Glass Passivated Super Fast Recovery Rectifier
GP15A TAITRON-GP15A Datasheet
138Kb / 4P
1.5A Sintered Glass Passivated Rectifier
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Zowie Technology Corpor...
GF02-20 ZOWIE-GF02-20 Datasheet
58Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20H ZOWIE-GP02-20H Datasheet
61Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
logo
Olitech Electronics Co....
GP02-20A OLITECH-GP02-20A Datasheet
675Kb / 2P
High Voltage 1.0A Sintered Glass Passivated Rectifie
logo
Zowie Technology Corpor...
GP10-30 ZOWIE-GP10-30 Datasheet
77Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-35 ZOWIE-GP10-35 Datasheet
76Kb / 2P
HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com