Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTCP Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # PTCP
Description  SWITCHING POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

PTCP Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  PTCP Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. PTCP Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
“COTS” POWER FACTOR CORRECTED
2.66” x 4.75” x 11.50”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
PTCP SERIES
400-1000 WATT SINGLE OUTPUT
SWITCHING POWER SUPPLIES
INPUT SPECIFICATIONS:
ENVIRONMENTAL SPECIFICATIONS
Input: 100-264 VAC Single Phase
Input Frequency: 47-63Hz (400 Hz Optional)
Inrush Current: 60A max at 230VAC(cold start)
Input Current: 6.5A max @ 115VAC 3.5A max @ 230VAC
Efficiency: 85 typical (depending on output model)
Hold-up time: 16ms at full load (minimum)
Leakage Current: <3.5mA maximum @ 240 VAC
Operating Temperature: 0°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max 95% Relative Humidity
Cooling: Internal ball bearing DC fan
Humidity: 20-90% RH non condensing
Vibration: 10-500Hz, 2G 10min/1cycle for 60 min (3 axes)(Standard Unit)
Shock: 20G Peak Acceleration (Standard Unit)
Weight: Approx: 6.6 LBS
Size: 2.66” x 4.75” x 11.50”
The PTCP series 400-1000W AC-DC power
supplies provides highly regulated output power
from 400-1000 watts.Rugged construction and
superior quality make this power supply ideal
for harsh environment applications. Available
in standard, modified or fully custom
configurations, for industrial, commercial,
COTS, Ruggedized and Military applications.
OUTPUT SPECIFICATIONS
Adjustment Range: ±10% (minimum)
Minimum Load: none
Regulation: Line ±0.5% Load ±0.5% Typical
Ripple/Noise: 150mV peak to peak maximum (20 MHz)
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Output voltage adj: ±10% minimum
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overlvoltage Protection: 115-140% of V1 nominal
Overtemperature Protection: Heatsink Temp. 90°C ± 5°C Auto Recovery
STANDARD FEATURES
APPLICATIONS
• Full Range
• Low Noise and Ripple
• Built In DC Fan For Cooling
• Current Share Function
• DC Good Signal
• Remote On/Off & Remote Sense Functions
• Rugged Construction
• Hot Swap
• Parallel Operation
• ORing Diode for Redundant Operation
• Rack / Panel Mount
• Ruggedized for shock & vibration
• 400Hz Operation
•
SAFETY AND EMISSIONS
• Designed to meet UL/cUL60950-1
• Designed to meet TUV EN60950-1
• Designed to meet EN55022 (Class A)
• Conformal Coating
• LVBD (Battery Back-Up)
• .98 Typical Power Factor
• High Reliability/Superior Quality
•
• Designed to meet EN 55024
• Designed to meet EN61000-3-2-3
WER FACTOR CORRECTED
6” x 4.75” x 11.50”
SPECIFICATIONS
A
A
NG POWER SUPPLIES
File: A5269


Similar Part No. - PTCP

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
PTCP-12-34 TECHNOLOGY-PTCP-12-34 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
PTCP-12-50 TECHNOLOGY-PTCP-12-50 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
PTCP-12-66 TECHNOLOGY-PTCP-12-66 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
logo
Comus International
PTCP-130 COMUS-PTCP-130 Datasheet
367Kb / 1P
Proximity Switch - Reed Switch based
logo
Technology Dynamics Inc...
PTCP-15-27 TECHNOLOGY-PTCP-15-27 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
More results

Similar Description - PTCP

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
SWITCHING POWER SUPPLIES
TCP-12-34 TAB-TCP-12-34 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
SWITCHING POWER SUPPLIES
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
SWITCHING POWER SUPPLIES
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
Switching Power Supplies
2.26_2021-05-03
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com