Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL103A Datasheet(PDF) 1 Page - Olitech Electronics Co.Ltd

Part # LL103A
Description  FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

LL103A Datasheet(HTML) 1 Page - Olitech Electronics Co.Ltd

  LL103A Datasheet HTML 1Page - Olitech Electronics Co.Ltd LL103A Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
For general purpose applications
MECHANICAL DATA
Case:JEDEC MINI-MELF
Weight: Approx. 0.031 gram
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
V
μA
V
pF
ns
K/W
Storage temperature range
TSTG
Reverse breakdow n voltage
@ I
R=50
A
Symbols
V
R
ELECTRICAL CHARACTERISTICS
I
R
Thermal resistance junction to ambient air
CJ
0.6
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 40 -- 20 V
CURRENT: 400 mW
mW
A
Peak reverse voltage
400
1)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Pow er dissipation (Infinite Heat Sink)
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
Ptot
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ VR=50V
Junction capacitance
@ VR=0V,f=1MHz
Reverse recovery time @ IF=IR=50mAto200mA,recover to0.1IR
Forw ard voltage drop @ I
F
=20mA
250
1)Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Single cycle surge 60Hz sine w ave
5.0
50
15
I
F
=200mA
VF
trr
Max.
Typ.
10
TJ
0.37
-55 ---+ 150
125
LL103A
LL103B
LL103C
40
30
20
LL103A
LL103B
LL103C
40
30
20
LL103A,VR=30V
LL103B,VR=20V
LL103C,VR=10V
-
-
-
-
-
-
-
-
-
-
-
-
Forward continuous current
I(AV)
200
m A
0.142 (3.6)
0.126 (3.2)
0.019 (0.48)
0.011 (0.28)
0.063 (1.6)
0.055 (1.4)
Glass Case MiniMELF
Dimensions in inches and (mm)
LL103A---LL103C
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P1
OLITECH ELECTRONICS CO. LTD.


Similar Part No. - LL103A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
LL103A SEMTECH-LL103A Datasheet
181Kb / 3P
Silicon Schottky Barrier Diode for general purpose applications?
logo
General Semiconductor
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
logo
Diotec Semiconductor
LL103A DIOTEC-LL103A Datasheet
96Kb / 1P
Surface Mount Si-Schottky Barrier Diodes
logo
EIC discrete Semiconduc...
LL103A EIC-LL103A Datasheet
35Kb / 2P
SCHOTTKY BARRIER DIODES
logo
List of Unclassifed Man...
LL103A ETC1-LL103A Datasheet
398Kb / 2P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - LL103A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
113Kb / 4P
Fast Switching Diodes
16-Feb-07
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
Fast Switching Diodes
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
FAST SWITCHING DIODES
logo
Olitech Electronics Co....
1N4148WS OLITECH-1N4148WS Datasheet
540Kb / 2P
FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
FAST SWITCHING DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com