Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LLDB4 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # LLDB4
Description  Glass Case MiniMELF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

LLDB4 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  LLDB4 Datasheet HTML 1Page - Olitech Electronics Co.Ltd LLDB4 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ratings and Characteristic Curves T
= 25 C unless otherwise specified
amb
O
1.10
1.05
0.90
0.85
1.00
20.0
10.0
1.0
0.1
40
35
30
25
20
10
10
0
1
0.95
50
20
50
100
200
75
500
25
10
T( C)
j
O
100
t( s)
p
m
C(nF)
100
125
0.80
Relative variation of V
versus junction temperature (typical values).
BO
f =120Hz
T initial=25 C
j
O
68
W
47
W
33
W
0
W
10
W
22
W
Tj =25 C
O
15
5
Repetitive peak pulse current versus pulse duration (maximum values).
Time duration while current pulse is higher 50mA versus C and Rs (typical values).
Bidirectional Diac
Email: info@olitech-elec.com
Website: www.olitech-elec.com
LLDB3 / LLDB4
Page:P2-P2
OLITECH ELECTRONICS CO. LTD.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com