Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC610 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC610
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC610 Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC610 Datasheet HTML 1Page - Diotec Semiconductor KBPC610 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case
Gültig, wenn die Anschlußdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur gehalten werden
1
18.02.2003
KBPC 600 … KBPC 610
Silicon-Bridge Rectifiers
Silizium-Brückengleichrichter
Nominal current
6 A
Nennstrom
Alternating input voltage
35…700 V
Eingangswechselspannung
Plastic case
15.2 x 15.2 x 6.3 [mm]
Kunststoffgehäuse
Weight approx.
3.5 g
Gewicht ca.
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton
siehe Seite 22
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
KBPC 600
35
50
KBPC 601
70
100
KBPC 602
140
200
KBPC 604
280
400
KBPC 606
420
600
KBPC 608
560
800
KBPC 610
700
1000
Repetitive peak forward current
f > 15 Hz
I
FRM
30 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
125 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
64 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C
15.2
±0.2
10.9
±0.3
6.3
±0.2
1.0
Ø 3.9
_


Similar Part No. - KBPC610

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC610 WTE-KBPC610 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC610 JGD-KBPC610 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC610 SEMTECH-KBPC610 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC610 SSE-KBPC610 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC610 CHENYI-KBPC610 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC610

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com