Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7 Datasheet(PDF) 2 Page - Olitech Electronics Co.Ltd

Part # M7
Description  SURFACE MOUNT GENERAL RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

M7 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  M7 Datasheet HTML 1Page - Olitech Electronics Co.Ltd M7 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES M1 THRU M7
30
25
20
15
10
5.0
0.6
0.8
1.0
1.2
1.4
1.5
0.1
1.0
10
100
0.01
0.1
1
10
100
100
10
1
0.1
REVERSE VOLTAGE,VOLTS
t,PULSE DURATION,sec.
FIG. 5-TYPICAL JUNCTION CAPACITANCE
FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE
FIG. 3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
INSTANTANEOUS FORWARD VOLEAGE,
VOLTS
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0.01
0.1
1
20
10
TJ=25 C
1
10
100
200
0
20
40
60
80
100
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
TJ=150 C
PERCENT OF PEAK REVERSE VOLTAGE,%
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
TJ=25 C
PULSE WIDTH=300 ms
1%DUTY CYCLE
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
FIG. 1- FORWARD CURRENT DERATING CURVE
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
AMBIENT TEMPERATURE, C
OLITECH ELECTRONICS CO. LTD.
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com