Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTCPDC-RK-48-8 Datasheet(PDF) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # XTCPDC-RK-48-8
Description  DC TO DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

XTCPDC-RK-48-8 Datasheet(HTML) 2 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  XTCPDC-RK-48-8 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. XTCPDC-RK-48-8 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL SELECTION
MECHANICAL OUTLINE
OPTION DESIGNATIONS
400 WATTS
600 WATTS
1000 WATTS
Model
Nominal
Voltage
(VDC)
Model
Maximum
Current
(ADC)
Maximum
Current
(ADC)
Model
Maximum
Current
(ADC)
XTCPDC-RK-48-8
XTCPDC-RK-24-17
XTCPDC-RK-12-34
XTCPDC-RK-48-12
XTCPDC-RK-24-25
XTCPDC-RK-12-50
XTCPDC-RK-48-20
XTCPDC-RK-24-41
Consult Factory
48V
24V
12V
8A
17A
34A
12A
25A
50A
20A
41A
-ORD
-CC
-LVBD
-HSP
-MIL
-PM
REDUNDANT OPERATION
PANEL MOUNT
RUGGEDIZED/MILITARIZED
HOT SWAP
BATTERY BACK-UP
CONFORMAL COATING
Low Voltage Battery Disconnect
The LVBD module adds a new dimension to battery back-up
power supplies. The power supply simultaneously charges the
battery and powers the load. If the input power fails, the battery
continues to support the load, thereby protecting the battery
from the damaging effects of complete discharge.
18.0”
TECHNOLOGY DYNAMICS INC.
100 School Street, Bergenfield, NJ 07621
Phone: (201) 385-0500, Fax: (201) 385-0702
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
www.technologydynamicsinc.com
Rev. A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com