Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTCPDC-RK-24-25 Datasheet(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

Part # XTCPDC-RK-24-25
Description  DC TO DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Direct Link  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

XTCPDC-RK-24-25 Datasheet(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  XTCPDC-RK-24-25 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. XTCPDC-RK-24-25 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
+
RUGGED HIGH POWER
400-1.000 Watts - RACK MOUNTED
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
AVAILABLE OPTIONS
Design Excellence since 1976!
SPECIFICATIONS
XTCPDC-RK SERIES
SINGLE OUTPUT
DC TO DC CONVERTER
INPUT SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Input: 125 VDC
Efficiency: 85% Typical
Inrush Current: 40A MAX ½ Cycle
Operating Temperature: -20°C to +50°C. Derate to 50% at +70°C
Storage Temperature: -40°C to +85°C max Relative Humidity
Cooling: External Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Vibration: 10-500Hz, 2G 10min/1Cycle for 60 min (3 axes)
Shock: 20G Peak Acceleration
Weight: ~ 20 Lb. (1 module)
Size: 19” x 3.5” x 14”
Technology Dynamics Inc. designs, develops and
manufacturers DC-DC Converters and is widely
acknoledged as an industry leader in distributed
power application and prodeces a wide range of DC-DC
Converters. These DC-DC Converters are renowned
for their outstanding performance, high reliability and
cost effectiveness. Technology Dynamics Inc. DC-DC
Converters are used extensively by OEMs and system
integrators in a wide range of applications for the
Commercial, Rugged Industrial and Military markets.
OUTPUT SPECIFICATIONS
Voltage Adjustment: ± 5%
Line Regulation: ± .3%
Load Regulation: ± 2%
Hold Up Time: 20 mS Min.
Set Point Accuracy: ±1%(except 5V=±2%) (maximum)
Protections: Overcurrent, Overlvoltage, Overtemperature
STANDARD FEATURES
APPLICATIONS
• Compact, Light Weight, Rack Mount
• Tightly Regulated Output
• OV/OL/OT Protected
•
±5% Output Adjustment
• LED Indicator
•
•
• Redundant Operation (N+1)
• Panel Mount
• Ruggedized For Severe Environment
• Hot Pluggable in a 3.5” High Rack
• Low Voltage Battery Disconnect.
(LVBD) for Battery Back-Up Opperation
• Conformal Coating (Rich Humidity)
SAFETY AND EMISSIONS
• Meets FFC DOC. 20780 LEV. A
• Meets VDE 0871/6.78 LEV. A
• Designed to meet UL1950, CSA 22.2
Terminal Block Input/Output
MTBF > 150,000 Hours
Internal Fan
•
• “Rugged” Construction
AS 9100
CertificateNo:US008267-1


Similar Part No. - XTCPDC-RK-24-25

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
XTCPDC-RK-24-25 TECHNOLOGY-XTCPDC-RK-24-25 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results

Similar Description - XTCPDC-RK-24-25

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
NXP Semiconductors
PIP201-12M-3 PHILIPS-PIP201-12M-3 Datasheet
345Kb / 20P
DC-to-DC converter powertrain
Rev. 03-19 November 2003
PIP212-12M PHILIPS-PIP212-12M Datasheet
135Kb / 21P
DC-to-DC converter powertrain
Rev. 02-2 March 2005
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
TECHNOLOGY ASSISTANCE B...
PHVCD-270-3 TAB-PHVCD-270-3 Datasheet
262Kb / 2P
DC TO DC CONVERTER
PTCPDC-12-34 TAB-PTCPDC-12-34 Datasheet
266Kb / 2P
DC TO DC CONVERTER
logo
Technology Dynamics Inc...
TCPDC-5-60 TECHNOLOGY-TCPDC-5-60 Datasheet
266Kb / 2P
DC TO DC CONVERTER
XTCPDC-RK-12-34 TECHNOLOGY-XTCPDC-RK-12-34 Datasheet
434Kb / 2P
DC TO DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com