Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ Datasheet(PDF) 3 Page - Olitech Electronics Co.Ltd

Part # SMBJ
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OLITECH [Olitech Electronics Co.Ltd]
Direct Link  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

SMBJ Datasheet(HTML) 3 Page - Olitech Electronics Co.Ltd

  SMBJ Datasheet HTML 1Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 2Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 3Page - Olitech Electronics Co.Ltd SMBJ Datasheet HTML 4Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UNI BI
MIN
MAX
Maximum
Reverse
Leakage
IR @ VR
(μA)
Breakdown
Voltage
VBR
(Volts) @
IT
Test
Current
IT (mA)
Maximum
Clampin
g
Voltage
VC @ IPP
(Volts)
Maximum
Peak
Pulse
Current
IPP
(A)
Device
Marking
Code
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
SMBJ78A
SMBJ78CA NT
DT 78
86.7
95.8
1
126
4.8
5
SMBJ85A
SMBJ85CA NV DV 85
94.4
104
1
137
4.4
5
SMBJ90A
SMBJ90CA NX DX 90
100
111
1
146
4.1
5
SMBJ100A SMBJ100CA NZ
DZ 100
111
123
1
162
3.7
5
SMBJ110A SMBJ110CA PE
EE
110
122
135
1
177
3.4
5
SMBJ120A SMBJ120CA PG
EG 120
133
147
1
193
3.1
5
SMBJ130A SMBJ130CA PK
EK 130
144
159
1
209
2.9
5
SMBJ150A SMBJ150CA PM EM 150
167
185
1
243
2.5
5
SMBJ160A SMBJ160CA PP
EP
160
178
197
1
259
2.3
5
SMBJ170A SMBJ170CA PR
ER 170
189
209
1
275
2.2
5
SMBJ180A SMBJ180CA PT
ET
180
201
222
1
292
2.1
5
SMBJ200A SMBJ200CA PV
EV 200
224
247
1
324
1.9
5
SMBJ220A SMBJ220CA PX
EX 220
246
272
1
356
1.7
5
SMBJ250A SMBJ250CA PZ
EZ
250
279
309
1
405
1.5
5
SMBJ300A SMBJ300CA QE
FE
300
335
371
1
486
1.3
5
SMBJ350A SMBJ350CA QG FG 350
391
432
1
567
1.1
5
SMBJ400A SMBJ400CA QK FK 400
447
494
1
648
0.9
5
SMBJ440A SMBJ440CA QM FM 440
492
543
1
713
0.9
5
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
NOTES:
1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent
2.Surge current waveform per Fig.3 and derated per Fig.2
3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled
4.All items and symbols are consistent with ANSI/IEEE C62.35
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.
Page: P4 - P3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com