Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBU4 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KBU4
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBU4 Datasheet(HTML) 2 Page - Diotec Semiconductor

  KBU4 Datasheet HTML 1Page - Diotec Semiconductor KBU4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2
F:\Data\WP\DatBlatt\Einzelblätter\kbu4a-4m.wpd
KBU 4A … KBU 4M
Characteristics
Kennwerte
Max. fwd. current without cooling fin
T
A = 50
/CR-load
I
FAV
2.8 A
Dauergrenzstrom ohne Kühlblech
C-load
I
FAV
2.2 A
Max. current with cooling fin 300 cm2
T
A = 50
/CR-load
I
FAV
4.0 A
Dauergrenzstrom mit Kühlblech 300 cm2
C-load
I
FAV
3.2 A
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 4 A
V
F
< 1.0 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Thermal resistance junction to case
R
thC
< 3.3 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
C
L [
:F]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
R
t [
S]
KBU 4A
20000
0.25
KBU 4B
10000
0.5
KBU 4D
5000
1.0
KBU 4G
2500
2.0
KBU 4J
1500
4.0
KBU 4K
1000
5.0
KBU 4M
800
6.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com