Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC2510F Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KBPC2510F
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC2510F Datasheet(HTML) 2 Page - Diotec Semiconductor

  KBPC2510F Datasheet HTML 1Page - Diotec Semiconductor KBPC2510F Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2
08.10.2003
KBPC 2500 F … KBPC 2516 F
KBPC 2500 W … KBPC 2516 W
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
300 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
375 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50…+150
/C
Storage temperature – Lagerungstemperatur
T
S
– 50…+150
/C
Characteristics
Kennwerte
Max. current with cooling fin 300 cm2
T
A = 50
/CR-load
I
FAV
25.0 A
Dauergrenzstrom mit Kühlblech 300 cm2
C-load
I
FAV
20.0 A
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 12.5 A
V
F
< 1.2 V 1)
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 25
:A
Isolation voltage terminals to case
V
ISO
> 2500 V
Isolationsspannung Anschlüsse zum Gehäuse
Thermal resistance junction to case
R
thC
< 2.0 K/W
Wärmewiderstand Sperrschicht – Gehäuse
Admissible torque for mounting
10-32 UNF
18 ± 10% lb.in
Zulässiges Anzugsdrehmoment
M 5
2 ± 10% Nm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com