Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3211 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3211
Description  105 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3211 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3211 Datasheet HTML 1Page - KR Electronics, Inc. 3211 Datasheet HTML 2Page - KR Electronics, Inc. 3211 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2015, KR Electronics, Inc.
3211, Rev 0
KR Electronics, Inc.
KR Electronics part number 3211 is a group delay equalized
105 MHz bandpass filter. The filter has a minimum 2 dB band-
width of 30 MHz and a maximum 45 dB bandwidth of 47 MHz.
Other center frequencies and bandwidths are available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 105 MHz Bandpass Filter
 2 dB Bandwidth, 30 MHz min
 45 dB Bandwidth, 47 MHz max
 Sharp Elliptic Type Design
 Group Delay Equalized
 50  Source and Load
 Surface Mount
 Available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3211 ETC2-3211 Datasheet
246Kb / 2P
Heyco-Tite Brass Liquid Tight Cordgrips PG Hubs
3211 ETC2-3211 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3211 HEYCO-3211 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Wiha Tools
3211 WIHA-3211 Datasheet
59Kb / 1P
Screwdriver SoftFinish® electric slimFix
logo
Keystone Electronics Co...
3211 KEYSTONE-3211 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results

Similar Description - 3211

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
3124 KR-3124 Datasheet
70Kb / 3P
105 MHz Bandpass Filter
3234-SMA KR-3234-SMA Datasheet
100Kb / 3P
105 MHz Lowpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com