Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCL103A Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MCL103A
Description  Surface mount Schottky-Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MCL103A Datasheet(HTML) 2 Page - Diotec Semiconductor

  MCL103A Datasheet HTML 1Page - Diotec Semiconductor MCL103A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
2
120
100
80
60
40
20
0
[%]
I
FAV
T
A
[°C]
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
10
10
1
10
10
2
-1
-2
[A]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
Schottky-Diodes
MCL103A ... MCL103C
Characteristics (T
j = 25/C)
Kennwerte (T
j = 25/C)
Min.
Typ.
Max.
Junction capacitance – Sperrschichtkapazität
V
R = 0, Vf = 1 MHz
C
tot
–
50 pF
–
Reverse recovery time – Sperrverzug
I
F = 200 mA through/über
I
R = 200 A to/auf IR = 20 mA
t
rr
–
10 ns
–
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
300 K/W
1)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com