Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MMBT2907
Description  Surface mount Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT2907 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT2907 Datasheet HTML 1Page - Diotec Semiconductor MMBT2907 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Tested with pulses t
p = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm
2 Kupferbelag (Lötpad) an jedem Anschluß
25
Switching Transistors
MMBT2907, MMBT2907A
Characteristics (T
j = 25°C)
Kennwerte (T
j = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis
1)
- V
CE = 10 V, - IC = 0.1 mA
MMBT2709
MMBT2709A
h
FE
h
FE
35
75
–
–
–
–
- V
CE = 10 V, - IC = 1 mA
MMBT2709
MMBT2709A
h
FE
h
FE
50
100
–
–
–
–
- V
CE = 10 V, - IC = 10 mA
MMBT2709
MMBT2709A
h
FE
h
FE
75
100
–
–
–
–
- V
CE = 10 V, - IC = 500 mA
MMBT2709
MMBT2709A
h
FE
h
FE
30
50
–
–
–
–
- V
CE = 10 V, - IC = 150 mA
h
FE
100
–
300
Gain-Bandwidth Product – Transitfrequenz
- V
CE = 20 V, - IC = 50 mA, f = 100 MHz
f
T
200 MHz
–
–
Collector-Base Capacitance – Kollektor-Basis-Kapazität
- V
CB = 10 V, IE = ie = 0, f = 1 MHz
C
CB0
–
–
8 pF
Emitter-Base Capacitance – Emitter-Basis-Kapazität
- V
EB = 2 V, IC = ic = 0, f = 1 MHz
C
EB0
–
–
30 pF
Noise figure – Rauschzahl
- V
CE = 10 V, - IC = 100 µA, RS = 1 kΩ,
f = 10 Hz...15.7 kHz
F
–
4 dB
–
Switching times – Schaltzeiten
turn-on time
- V
CC = 30 V, - VBE = 1.5 V
- I
C = 150 mA, - IB1 = 15 mA
t
on
–
–
45 ns
delay time
t
d
–
–
10 ns
rise time
t
r
–
–
40 ns
turn-off time
- V
CC = 30 V, - IC = 150 mA
- I
B1 = - IB2 =15 mA
t
off
–
–
100 ns
storage time
t
s
–
–
80 ns
fall time
t
f
–
–
30 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
420 K/W
2)
Recommended complementary NPN transistors
Empfohlene komplementäre NPN-Transistoren
MMBT2222, MMBT2222A
Marking - Stempelung
MMBT2907A = 2F MMBT2907 = (M)2B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com