Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1504FW Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC1504FW
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC1504FW Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC1504FW Datasheet HTML 1Page - Diotec Semiconductor KBPC1504FW Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid for one branch – Gültig für einen Brückenzweig
2) Valid, if the temperature of the case is kept to 120
/C – Gültig, wenn die Gehäusetemp. auf 120/C gehalten wird
1
08.10.2003
Type “WM”/”WP”
KBPC 1500 F … KBPC 1516 F
KBPC 1500 W … KBPC 1516 W
Silicon-Bridge Rectifiers
Silizium-Brückengleichrichter
Type “FM”/”FP”
Nominal current
15 A
Nennstrom
Alternating input voltage
35…1000 V
Eingangswechselspannung
Metal case (Index “M”) or
Plastic case with alu-bottom (Index “P”)
Metallgehäuse (Index “M”) oder
Kunststoffgeh. mit Alu-Boden (Index “P”)
Dimensions
28.6 x 28.6 x 7.3 [mm]
Abmessungen
Weight approx.
23 g
Gewicht ca.
Compound has classification UL94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
see page 22
Standard Lieferform: lose im Karton s.S.22
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
max. alternating input voltage
max. Eingangswechselspannung
V
VRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
1)
KBPC 1500 F/W
35
50
KBPC 1501 F/W
70
100
KBPC 1502 F/W
140
200
KBPC 1504 F/W
280
400
KBPC 1506 F/W
420
600
KBPC 1508 F/W
560
800
KBPC 1510 F/W
700
1000
KBPC 1512 F/W
800
1200
KBPC 1514 F/W
900
1400
KBPC 1516 F/W
1000
1600
Repetitive peak forward current
f > 15 Hz
I
FRM
60 A 2)
Periodischer Spitzenstrom


Similar Part No. - KBPC1504FW

ManufacturerPart #DatasheetDescription
logo
Semikron International
KBPC1504F/W SEMIKRON-KBPC1504F/W Datasheet
277Kb / 2P
Silicon-Bridge Rectifiers
KBPC1504F/W SEMIKRON-KBPC1504F/W Datasheet
281Kb / 2P
Silicon-Bridge Rectifiers
More results

Similar Description - KBPC1504FW

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com