Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMAJ65 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # P4SMAJ65
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ65 Datasheet(HTML) 2 Page - Diotec Semiconductor

  P4SMAJ65 Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ65 Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ65 Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ65 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
F:\Data\Wp\DatBlatt\Einzelblätter\p4smaj.wpd
P4 SMAJ 6.5 ... P4 SMAJ 170CA
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
P4 SMAJ 6.5
6.5
500
7.2 *)
8.8 *)
12.3
32.5
P4 SMAJ 6.5A
6.5
500
7.2 *)
8.0 *)
11.2
35.7
P4 SMAJ 7.0
7.0
200
7.8 *)
9.5 *)
13.3
30.1
P4 SMAJ 7.0A
7.0
200
7.8 *)
8.7 *)
12.0
33.3
P4 SMAJ 7.5
7.5
100
8.3
10.1
14.3
28.0
P4 SMAJ 7.5A
7.5
100
8.3
9.2
12.9
31.0
P4 SMAJ 8.0
8.0
50
8.9
10.9
15.0
26.7
P4 SMAJ 8.0A
8.0
50
8.9
9.9
13.6
29.4
P4 SMAJ 8.5
8.5
10
9.4
11.5
15.9
25.2
P4 SMAJ 8.5A
8.5
10
9.4
10.4
14.4
27.8
P4 SMAJ 9.0
9.0
5
10.0
12.2
16.9
23.7
P4 SMAJ 9.0A
9.0
5
10.0
11.1
15.4
26.0
P4 SMAJ 10
10
5
11.1
13.5
18.8
21.3
P4 SMAJ 10A
10
5
11.1
12.3
17.0
23.5
P4 SMAJ 11
11
5
12.2
14.9
20.1
19.9
P4 SMAJ 11A
11
5
12.2
13.5
18.2
22.0
P4 SMAJ 12
12
5
13.3
16.2
22.0
18.2
P4 SMAJ 12A
12
5
13.3
14.8
19.9
20.1
P4 SMAJ 13
13
5
14.4
17.6
23.8
16.8
P4 SMAJ 13A
13
5
14.4
16.0
21.5
18.6
P4 SMAJ 14
14
5
15.6
19.0
25.8
15.5
P4 SMAJ 14A
14
5
15.6
17.3
23.2
17.2
P4 SMAJ 15
15
5
16.7
20.4
26.9
14.9
P4 SMAJ 15A
15
5
16.7
18.6
24.4
16.4
P4 SMAJ 16
16
5
17.8
21.7
28.8
13.9
P4 SMAJ 16A
16
5
17.8
19.8
26.0
15.4
P4 SMAJ 17
17
5
18.9
23.1
30.5
13.1
P4 SMAJ 17A
17
5
18.9
21.0
27.6
14.5
P4 SMAJ 18
18
5
20.0
24.4
32.2
12.4
P4 SMAJ 18A
18
5
20.0
22.2
29.2
13.7
P4 SMAJ 20
20
5
22.2
27.1
35.8
11.2
P4 SMAJ 20A
20
5
22.2
24.6
32.4
12.3
P4 SMAJ 22
22
5
24.4
29.8
39.4
10.2
P4 SMAJ 22A
22
5
24.4
27.1
35.5
11.3
P4 SMAJ 24
24
5
26.7
32.6
43.0
9.3
P4 SMAJ 24A
24
5
26.7
29.6
38.9
10.3
P4 SMAJ 26
26
5
28.9
35.3
46.6
8.6
P4 SMAJ 26A
26
5
28.9
32.1
42.1
9.5
P4 SMAJ 28
28
5
31.1
37.9
50.0
8.0
P4 SMAJ 28A
28
5
31.1
34.5
45.4
8.8
P4 SMAJ 30
30
5
33.3
40.1
53.5
7.5
P4 SMAJ 30A
30
5
33.3
36.9
48.4
8.3
P4 SMAJ 33
33
5
36.7
44.8
59.0
6.8
P4 SMAJ 33A
33
5
36.7
40.7
53.3
7.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com