Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTS6A80AS Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HTS6A80AS
Description  Repetitive Peak Off-State Voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HTS6A80AS Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HTS6A80AS Datasheet HTML 1Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 2Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 3Page - SemiHow Co.,Ltd. HTS6A80AS Datasheet HTML 4Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thermal Characteristics
Electrical Characteristics (T
J=25
unless otherwise specified )
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDRM
Repetitive Peak Off-State Current
VD = VDRM
TJ=25oC-
-
10
uA
TJ=150oC-
-
3
mA
IRRM
Repetitive Peak Reverse Current
VR = VRRM
TJ=25oC-
-
10
uA
TJ=150oC-
-
3
mA
IGT
Gate Trigger Current
VD = 12V, RL=33
1+, 1-, 3-
-
-
35
mA
VGT
Gate Trigger Voltage
VD = 12V, RL=33
1+, 1-, 3-
-
-
1.3
V
VGD
Non-Trigger Gate Voltage
VD = 2/3VDRM, RL=3.3K ,
TJ=150oC
0.2
-
-
V
IL
Latching Current
IG= 1.2IGT
1+, 3-
-
-
50
mA
1-
-
-
80
mA
IH
Holding Current
IT= 500mA
-
-
40
mA
VTM
Peak On-State Voltage
IT = 8.5A, tp = 380uS
-
-
1.5
V
dv/dt
Critical Rate of Rise of Off-State
Voltage
VD = 2/3 VDRM, Gate open,
TJ=150oC
1200
-
-
V/us
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R JC
Thermal Resistance
Junction to Case
3.9
o
C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com