Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB102G Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB102G
Description  USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection with Improved Ioff Voltage Range
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102G Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB102G Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102G Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
09/18/14
PI3USB102G
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
Truth Table
SEL
OE
Y+
Y-
X
H
Hi-Z
Hi-Z
L
L
M+
M-
H
L
D+
D-
Pin Description
Pin No.
Pin Name Description
1
Y+
USB Data bus
2
Y-
USB Data bus
3
GND
Ground
4
M-
Multiplexed Source Inputs
5
M+
Multiplexed Source Inputs
6
D-
Multiplexed Source Inputs
7
D+
Multiplexed Source Inputs
8
OE
Switch Enable
9
VDD
Positive Power Supply
10
SEL
Switch Select
Pin Configuration
1
2
7
6
8
D+
Y+
3
4
5
9
10
D-
Y-
14-0136



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com