Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB103ZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB103ZLE
Description  USB 2.0 High-Speed (480 Mbps) Signal Switch with Vbus Short Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB103ZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB103ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB103ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PI3USB103
USB 2.0 High-Speed (480 Mbps)
Signal Switch with Vbus Short Protection
www.pericom.com
12/18/14
All trademarks are property of their respective owners.
Capacitance (T
a = 25°C, f = 1MHz)
Parameters(3)
Description
Test Conditions(1)
Typ.(2)
Max.
Units
CIN
InputCapacitance
VSEL=0V
2.7
3.0
pF
COFF
SwitchCapacitance,SwitchOFF
2.8
3.0
CON
SwitchCapacitance,SwitchON
6.0
6.5
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. TypicalvaluesareatVDD=3.3V,TA =25°Cambientandmaximumloading.
3. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Dynamic Electrical Characteristics Over the Operating Range
Parameters
Description
Test Conditions
Min.
Typ.(2)
Max.
Units
XTALK
Crosstalk
RL=50Ω
f=240MHz
f=825MHz
-35
-25
–39
–28
dB
OIRR
OFFIsolation
f=240MHz
f=825MHz
-29
-20
–32
–23
BW
–3dBBandwidth
RL=50Ω
1100
1400
MHz
BW
–0.5dBBandwidth
RL=50Ω
150
400
MHz
IN
InsertionLoss
f=240MHz
f=825MHz
f=1.0GHz
f=1.125GHz
0.47
1.8
2.2
2.4
0.67
2.4
2.6
3.0
dB
Switching Characteristics
Parameters
Description
Test Conditions (1)
Min.
Typ.
Max.
Units
tPD
PropagationDelay(2,3)
SeeTestCircuitfor
ElectricalCharac-
teristics
0.25
0.35
ns
tPZH,tPZL LineEnableTime-SEL,OEtoD(+/-),M(+/-)
0.5
60
tPHZ,tPLZ LineDisableTime-SEL,OEtoD(+/-),M(+/-)
0.5
60
tSKC-C
Outputskew,channel-to-channel(2)
3.5
14
ps
Notes:
1. Formax.ormin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevicetype.
2. Guaranteedbydesign.
3. TheswitchcontributesnopropagationaldelayotherthantheRCdelayoftheOn-Resistanceoftheswitchandtheloadcapacitance.Thetimeconstantforthe
switchaloneisoftheorderof0.25nsfor10pFload.Sincethistimeconstantismuchsmallerthantherise/falltimesoftypicaldrivingsignals,itaddsverylittle
propagationaldelaytothesystem.Propagationaldelayoftheswitchwhenusedinasystemisdeterminedbythedrivingcircuitonthedrivingsideoftheswitch
anditsinteractionswiththeloadonthedrivenside.
14-0215



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com